Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2515-E/ML Datasheet(PDF) 61 Page - Microchip Technology

Part # MCP2515-E/ML
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-E/ML Datasheet(HTML) 61 Page - Microchip Technology

Back Button MCP2515-E/ML Datasheet HTML 57Page - Microchip Technology MCP2515-E/ML Datasheet HTML 58Page - Microchip Technology MCP2515-E/ML Datasheet HTML 59Page - Microchip Technology MCP2515-E/ML Datasheet HTML 60Page - Microchip Technology MCP2515-E/ML Datasheet HTML 61Page - Microchip Technology MCP2515-E/ML Datasheet HTML 62Page - Microchip Technology MCP2515-E/ML Datasheet HTML 63Page - Microchip Technology MCP2515-E/ML Datasheet HTML 64Page - Microchip Technology MCP2515-E/ML Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 61
MCP2515
REGISTER 10-2:
CANSTAT – CAN STATUS REGISTER
(ADDRESS: XEh)
R-1
R-0
R-0
U-0
R-0
R-0
R-0
U-0
OPMOD2
OPMOD1
OPMOD0
—
ICOD2
ICOD1
ICOD0
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
OPMOD<2:0>: Operation mode bits
000
=
Device is in the Normal Operation mode
001
=
Device is in Sleep mode
010
=
Device is in Loopback mode
011
=
Device is in Listen-Only mode
100
=
Device is in Configuration mode
bit 4
Unimplemented: Read as ‘0’
bit 3-1
ICOD<2:0>: Interrupt Flag Code bits
000
=
No Interrupt
001
=
Error Interrupt
010
=
Wake-up Interrupt
011
=
TXB0 Interrupt
100
=
TXB1 Interrupt
101
=
TXB2 Interrupt
110
=
RXB0 Interrupt
111
=
RXB1 Interrupt
bit 0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com