Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2515-E/ML Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP2515-E/ML
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-E/ML Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP2515-E/ML Datasheet HTML 21Page - Microchip Technology MCP2515-E/ML Datasheet HTML 22Page - Microchip Technology MCP2515-E/ML Datasheet HTML 23Page - Microchip Technology MCP2515-E/ML Datasheet HTML 24Page - Microchip Technology MCP2515-E/ML Datasheet HTML 25Page - Microchip Technology MCP2515-E/ML Datasheet HTML 26Page - Microchip Technology MCP2515-E/ML Datasheet HTML 27Page - Microchip Technology MCP2515-E/ML Datasheet HTML 28Page - Microchip Technology MCP2515-E/ML Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 25
MCP2515
4.4.3
CONFIGURED AS DIGITAL OUTPUT
When used as digital outputs, the BFPCTRL.BxBFM bit
must be cleared and BFPCTRL.BnBFE must be set for
the associated buffer. In this mode, the state of the pin
is controlled by the BFPCTRL.BnBFS bits. Writing a ‘1’
to the BnBFS bit will cause a high level to be driven on
the associated buffer full pin, while a ‘0’ will cause the
pin to drive low. When using the pins in this mode, the
state of the pin should be modified only by using the Bit
Modify SPI command to prevent glitches from
occurring on either of the buffer full pins.
TABLE 4-1:
CONFIGURING RXNBF PINS
FIGURE 4-2:
RECEIVE BUFFER BLOCK DIAGRAM
BnBFE BnBFM BnBFS
Pin Status
0XX
Disabled, high-impedance
11X
Receive buffer interrupt
100
Digital output = 0
101
Digital output = 1
Acceptance Mask
RXM1
Acceptance Filter
RXF2
Acceptance Filter
RXF3
Acceptance Filter
RXF4
Acceptance Filter
RXF5
Acceptance Mask
RXM0
Acceptance Filter
RXF0
Acceptance Filter
RXF1
Identifier
Data Field
Data Field
Identifier
Note:
Messages received in the MAB are intially
applied to the mask and filters of RXB0. In
addition, only one filter match occurs (e.g.,
if the message matches both RXF0 and
RXF2, the match will be for RXF0 and the
message will be moved into RXB0).
A
c
c
e
p
t
A
c
c
e
p
t
R
X
B
0
R
X
B
1
M
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com