Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2515-E/ML Datasheet(PDF) 87 Page - Microchip Technology

Part # MCP2515-E/ML
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-E/ML Datasheet(HTML) 87 Page - Microchip Technology

Back Button MCP2515-E/ML Datasheet HTML 83Page - Microchip Technology MCP2515-E/ML Datasheet HTML 84Page - Microchip Technology MCP2515-E/ML Datasheet HTML 85Page - Microchip Technology MCP2515-E/ML Datasheet HTML 86Page - Microchip Technology MCP2515-E/ML Datasheet HTML 87Page - Microchip Technology MCP2515-E/ML Datasheet HTML 88Page - Microchip Technology MCP2515-E/ML Datasheet HTML 89Page - Microchip Technology MCP2515-E/ML Datasheet HTML 90Page - Microchip Technology MCP2515-E/ML Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 87
MCP2515
APPENDIX A:
REVISION HISTORY
Revision G (August 2012)
The following is the list of modifications:
1.
Updated content in Register 4-1, Register 4-12,
Register 4-13, Register 4-16, Register 4-17.
Revision F (October 2010)
The following is the list of modifications:
1.
Added 20-lead QFN package (4x4) and related
information.
2.
Updated Table 1-1.
3.
Updated the Product Identification System
section.
Revision E (November 2007)
• Removed preliminary watermark.
• Updated templates.
• Updated register information.
• Updated package outline drawings.
Revision D (April 2005)
• Added Table 8-1 and Table 8-2 in Section 8.0
“Oscillator”. Added note box following tables.
• Changed address bits in column heading in
Table 11-1, Section 11.0 “Register Map”.
• Modified Section 14.0 “Packaging Information”
to reflect pb free device markings.
• Appendix A Revision History: Rearranged order of
importance.
Revision C (November 2004)
• Section 9.0 “RESET” added.
• Heading 12.1: added notebox.
Heading 12.6: Changed verbiage within
paragraph in Section 12.0 “SPI Interface”.
• Added Appendix A: Revision History.
Revision B (September 2003)
• Front page bullet: Standby current (typical) (Sleep
mode) changed from 10 µA to 1 µA.
• Added notebox for maximum frequency on
CLKOUT in Section 8.2 “CLKOUT Pin”.
• Section 12.0 “SPI Interface”, Table 12-1:
- Changed supply voltage minimum to 2.7V.
- Internal Capacitance: Changed VDD condition
to 0V.
- Standby Current (Sleep mode): Split
specification into -40°C to +85°C and
-40°C to +125°C.
Revision A (May 2003)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com