Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2515-E/ML Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP2515-E/ML
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-E/ML Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP2515-E/ML Datasheet HTML 28Page - Microchip Technology MCP2515-E/ML Datasheet HTML 29Page - Microchip Technology MCP2515-E/ML Datasheet HTML 30Page - Microchip Technology MCP2515-E/ML Datasheet HTML 31Page - Microchip Technology MCP2515-E/ML Datasheet HTML 32Page - Microchip Technology MCP2515-E/ML Datasheet HTML 33Page - Microchip Technology MCP2515-E/ML Datasheet HTML 34Page - Microchip Technology MCP2515-E/ML Datasheet HTML 35Page - Microchip Technology MCP2515-E/ML Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
MCP2515
DS21801G-page 32
 2003-2012 Microchip Technology Inc.
4.5
Message Acceptance Filters and
Masks
The message acceptance filters and masks are used to
determine if a message in the message assembly buf-
fer should be loaded into either of the receive buffers
(see Figure 4-5). Once a valid message has been
received into the MAB, the identifier fields of the mes-
sage are compared to the filter values. If there is a
match, that message will be loaded into the appropriate
receive buffer.
4.5.1
DATA BYTE FILTERING
When receiving standard data frames (11-bit identifier),
the MCP2515 automatically applies 16 bits of masks
and
filters
normally
associated
with
extended
identifiers to the first 16 bits of the data field (data bytes
0
and 1). Figure 4-4 illustrates how masks and filters
apply to extended and standard data frames.
Data byte filtering reduces the load on the MCU when
implementing Higher Layer Protocols (HLPs) that filter
on the first data byte (e.g., DeviceNet™).
4.5.2
FILTER MATCHING
The
filter
masks
(see
Register 4-14
through
Register 4-17) are used to determine which bits in the
identifier are examined with the filters. A truth table is
shown in Table 4-2 that indicates how each bit in the
identifier is compared to the masks and filters to deter-
mine if the message should be loaded into a receive
buffer. The mask essentially determines which bits to
apply the acceptance filters to. If any mask bit is set to
a zero, that bit will automatically be accepted,
regardless of the filter bit.
TABLE 4-2:
FILTER/MASK TRUTH TABLE
As shown in the receive buffers block diagram
(Figure 4-2), acceptance filters RXF0 and RXF1 (and
filter mask RXM0) are associated with RXB0. Filters
RXF2, RXF3, RXF4, RXF5 and mask RXM1 are
associated with RXB1.
FIGURE 4-4:
MASKS AND FILTERS APPLY TO CAN FRAMES
Mask Bit n
Filter Bit n
Message
Identifier
bit
Accept or
Reject bit n
0X
X
Accept
10
0
Accept
10
1
Reject
11
0
Reject
11
1
Accept
Note:
X
= don’t care
Extended Frame
Standard Data Frame
ID10
ID0 EID17
EID0
Masks and Filters apply to the entire 29-bit ID field
ID10
ID0
Data Byte 0
Data Byte 1
11-bit ID Standard frame
*
16-bit data filtering *
* The two MSb (EID17 and EID16) mask and filter bits are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com