Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2515-E/ML Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP2515-E/ML
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-E/ML Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP2515-E/ML Datasheet HTML 37Page - Microchip Technology MCP2515-E/ML Datasheet HTML 38Page - Microchip Technology MCP2515-E/ML Datasheet HTML 39Page - Microchip Technology MCP2515-E/ML Datasheet HTML 40Page - Microchip Technology MCP2515-E/ML Datasheet HTML 41Page - Microchip Technology MCP2515-E/ML Datasheet HTML 42Page - Microchip Technology MCP2515-E/ML Datasheet HTML 43Page - Microchip Technology MCP2515-E/ML Datasheet HTML 44Page - Microchip Technology MCP2515-E/ML Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 41
MCP2515
5.2
Synchronization
To compensate for phase shifts between the oscillator
frequencies of each of the nodes on the bus, each CAN
controller must be able to synchronize to the relevant
signal edge of the incoming signal. Synchronization is
the
process
by
which
the
DPLL
function
is
implemented.
When an edge in the transmitted data is detected, the
logic will compare the location of the edge to the
expected time (SyncSeg). The circuit will then adjust
the values of PS1 and PS2 as necessary.
There are two mechanisms used for synchronization:
1.
Hard synchronization
2.
Resynchronization
5.2.1
HARD SYNCHRONIZATION
Hard synchronization is only performed when there is a
recessive-to-dominant edge during a BUS IDLE
condition, indicating the start of a message. After hard
synchronization, the bit time counters are restarted with
SyncSeg.
Hard synchronization forces the edge that has
occurred to lie within the synchronization segment of
the
restarted
bit
time.
Due
to
the
rules
of
synchronization, if a hard synchronization occurs, there
will not be a resynchronization within that bit time.
5.2.2
RESYNCHRONIZATION
As a result of resynchronization, PS1 may be
lengthened or PS2 may be shortened. The amount of
lengthening or shortening of the phase buffer segments
has an upper-bound, given by the Synchronization
Jump Width (SJW).
The value of the SJW will be added to PS1 or
subtracted from PS2 (see Figure 5-3). The SJW
represents the loop filtering of the DPLL. The SJW is
programmable between 1 TQ and 4 TQ.
5.2.2.1
Phase Errors
The NRZ bit coding method does not encode a clock
into the message. Clocking information will only be
derived from recessive-to-dominant transitions. The
property which states that only a fixed maximum
number of successive bits have the same value (bit-
stuffing) ensures resynchronization to the bit stream
during a frame.
The phase error of an edge is given by the position of
the edge relative to SyncSeg, measured in TQ. The
phase error is defined in magnitude of TQ as follows:
•e = 0 if the edge lies within SYNCSEG
•e > 0 if the edge lies before the SAMPLE POINT
(TQ is added to PS1)
•e < 0 if the edge lies after the SAMPLE POINT of
the previous bit (TQ is subtracted from PS2)
5.2.2.2
No Phase Error (e = 0)
If the magnitude of the phase error is less than or equal
to the programmed value of the SJW, the effect of a
resynchronization is the same as that of a hard
synchronization.
5.2.2.3
Positive Phase Error (e > 0)
If the magnitude of the phase error is larger than the
SJW and, if the phase error is positive, PS1 is
lengthened by an amount equal to the SJW.
5.2.2.4
Negative Phase Error (e < 0)
If the magnitude of the phase error is larger than the
resynchronization jump width and the phase error is
negative, PS2 is shortened by an amount equal to the
SJW.
5.2.3
SYNCHRONIZATION RULES
1.
Only recessive-to-dominant edges will be used
for synchronization.
2.
Only one synchronization within one bit time is
allowed.
3.
An edge will be used for synchronization only if
the value detected at the previous sample point
(previously read bus value) differs from the bus
value immediately after the edge.
4.
A transmitting node will not resynchronize on a
positive phase error (e > 0).
5.
If the absolute magnitude of the phase error is
greater than the SJW, the appropriate phase
segment will adjust by an amount equal to the
SJW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com