Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2515-E/ML Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP2515-E/ML
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-E/ML Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP2515-E/ML Datasheet HTML 19Page - Microchip Technology MCP2515-E/ML Datasheet HTML 20Page - Microchip Technology MCP2515-E/ML Datasheet HTML 21Page - Microchip Technology MCP2515-E/ML Datasheet HTML 22Page - Microchip Technology MCP2515-E/ML Datasheet HTML 23Page - Microchip Technology MCP2515-E/ML Datasheet HTML 24Page - Microchip Technology MCP2515-E/ML Datasheet HTML 25Page - Microchip Technology MCP2515-E/ML Datasheet HTML 26Page - Microchip Technology MCP2515-E/ML Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 23
MCP2515
4.0
MESSAGE RECEPTION
4.1
Receive Message Buffering
The MCP2515 includes two full receive buffers with
multiple acceptance filters for each. There is also a
separate Message Assembly Buffer (MAB) that acts as
a third receive buffer (see Figure 4-2).
4.1.1
MESSAGE ASSEMBLY BUFFER
Of the three receive buffers, the MAB is always
committed to receiving the next message from the bus.
The MAB assembles all messages received. These
messages will be transferred to the RXBn buffers (see
Register 4-4 to Register 4-9) only if the acceptance
filter criteria is met.
4.1.2
RXB0 AND RXB1
The remaining two receive buffers, called RXB0 and
RXB1, can receive a complete message from the
protocol engine via the MAB. The MCU can access one
buffer, while the other buffer is available for message
reception, or for holding a previously
received
message.
4.1.3
RECEIVE FLAGS/INTERRUPTS
When a message is moved into either of the receive
buffers, the appropriate CANINTF.RXnIF bit is set. This
bit must be cleared by the MCU in order to allow a new
message to be received into the buffer. This bit
provides a positive lockout to ensure that the MCU has
finished with the message before the MCP2515
attempts to load a new message into the receive buffer.
If the CANINTE.RXnIE bit is set, an interrupt will be
generated on the INT pin to indicate that a valid
message
has
been
received.
In
addition,
the
associated RXnBF pin will drive low if configured as a
receive buffer full pin. See Section 4.4 “RX0BF and
RX1BF Pins” for details.
4.2
Receive Priority
RXB0, the higher priority buffer, has one mask and two
message acceptance filters associated with it. The
received message is applied to the mask and filters for
RXB0 first.
RXB1 is the lower priority buffer, with one mask and
four acceptance filters associated with it.
In addition to the message being applied to the RB0
mask and filters first, the lower number of acceptance
filters makes the match on RXB0 more restrictive and
implies a higher priority for that buffer.
When a message is received, bits <3:0> of the
RXBnCTRL register will indicate the acceptance filter
number that enabled reception and whether the
received message is a remote transfer request.
4.2.1
ROLLOVER
Additionally, the RXB0CTRL register can be configured
such that, if RXB0 contains a valid message and
another valid message is received, an overflow error
will not occur and the new message will be moved into
RXB1, regardless of the acceptance criteria of RXB1.
4.2.2
RXM BITS
The RXBnCTRL.RXM bits set special receive modes.
Normally, these bits are cleared to 00 to enable
reception of all valid messages as determined by the
appropriate acceptance filters. In this case, the
determination of whether or not to receive standard or
extended
messages
is
determined
by
the
RFXnSIDL.EXIDE bit in the acceptance filter register.
If the RXBnCTRL.RXM bits are set to 01 or 10, the
receiver will only accept messages with standard or
extended identifiers, respectively. If an acceptance
filter has the RFXnSIDL.EXIDE bit set such that it does
not correspond with the RXBnCTRL.RXM mode, that
acceptance filter is rendered useless. These two
modes of RXBnCTRL.RXM bits can be used in
systems where it is known that only standard or
extended messages will be on the bus.
If the RXBnCTRL.RXM bits are set to 11, the buffer will
receive all messages, regardless of the values of the
acceptance filters. Also, if a message has an error
before the EOF, that portion of the message assembled
in the MAB before the error frame will be loaded into the
buffer. This mode has some value in debugging a CAN
system and would not be used in an actual system
environment.
Note:
The entire content of the MAB is moved
into the receive buffer once a message is
accepted. This means, that regardless of
the
type
of
identifier
(standard
or
extended) and the number of data bytes
received, the entire receive buffer is
overwritten
with
the
MAB
contents.
Therefore, the contents of all registers in
the buffer must be assumed to have been
modified when any message is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com