Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2515-E/ML Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP2515-E/ML
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-E/ML Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP2515-E/ML Datasheet HTML 36Page - Microchip Technology MCP2515-E/ML Datasheet HTML 37Page - Microchip Technology MCP2515-E/ML Datasheet HTML 38Page - Microchip Technology MCP2515-E/ML Datasheet HTML 39Page - Microchip Technology MCP2515-E/ML Datasheet HTML 40Page - Microchip Technology MCP2515-E/ML Datasheet HTML 41Page - Microchip Technology MCP2515-E/ML Datasheet HTML 42Page - Microchip Technology MCP2515-E/ML Datasheet HTML 43Page - Microchip Technology MCP2515-E/ML Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
MCP2515
DS21801G-page 40
 2003-2012 Microchip Technology Inc.
PROPAGATION SEGMENT
The
Propagation
Segment
(PropSeg)
exists
to
compensate for physical delays between nodes. The
propagation delay is defined as twice the sum of the
signal’s propagation time on the bus line, including the
delays associated with the bus driver. The PropSeg is
programmable from 1-8 TQ.
PHASE SEGMENT 1 (PS1) AND PHASE
SEGMENT 2 (PS2)
The two phase segments, PS1 and PS2, are used to
compensate for edge phase errors on the bus. PS1 can
be lengthened (or PS2 shortened) by resyncronization.
PS1 is programmable from 1-8 TQ and PS2 is
programmable from 2-8 TQ.
SAMPLE POINT
The sample point is the point in the bit time at which the
logic level is read and interpreted. The sample point is
located at the end of PS1. The exception to this rule is
if the sample mode is configured to sample three times
per bit. In this case, while the bit is still sampled at the
end of PS1, two additional samples are taken at one-
half TQ intervals prior to the end of PS1, with the value
of the bit being determined by a majority decision.
INFORMATION PROCESSING TIME
The Information Processing Time (IPT) is the time
required for the logic to determine the bit level of a
sampled bit. The IPT begins at the sample point, is
measured in TQ and is fixed at 2 TQ for the Microchip
CAN module. Since PS2 also begins at the sample
point and is the last segment in the bit time, it is
required that the PS2 minimum is not less than the IPT.
Therefore:
SYNCHRONIZATION JUMP WIDTH
The Synchronization Jump Width (SJW) adjusts the bit
clock as necessary by 1-4 TQ (as configured) to
maintain
synchronization
with
the
transmitted
message. Synchronization is covered in more detail
later in this data sheet.
Time Quantum
Each of the segments that make up a bit time are made
up of integer units called Time Quanta (TQ). The length
of each Time Quantum is based on the oscillator period
(tOSC). The base TQ equals twice the oscillator period.
Figure 5-2 shows how the bit period is derived from
TOSC and TQ. The TQ length equals one TQ clock
period (tBRPCLK), which is programmable using a
programmable
prescaler,
called
the
Baud
Rate
Prescaler (BRP). This is illustrated in the following
equation:
EQUATION 5-2:
FIGURE 5-2:
TQ AND THE BIT PERIOD
PS2
min
IPT
2TQ
==
TQ
2 BRP T
OSC

2BRP
F
OSC
-------------------
==
Where: BRP equals the configuration as shown in
Register 5-1.
tOSC
TBRPCLK
tBIT
Sync
(fixed)
PropSeg
(Programmable)
PS2
(Programmable)
PS1
(Programmable)
TQ
(tTQ)
CAN Bit Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com