Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
Electrical Characteristics
MPC5510 Microcontroller Family Data Sheet, Rev. 3
Freescale Semiconductor
21
2.2
Thermal Characteristics
2.2.1
General Notes for Specifications at Maximum Junction Temperature
An estimation of the chip junction temperature, T
J
, can be obtained from the equation:
TJ = TA + (RθJA × PD)
Eqn. 1
where:
TA = ambient temperature for the package (
oC)
Eqn. 2
RθJA = junction to ambient thermal resistance (
oC/W)
Eqn. 3
PD = power dissipation in the package (W)
Eqn. 4
The supplied thermal resistances are provided based on JEDEC JESD51 series of standards to provide consistent values for
estimations and comparisons. The difference between the values determined on the single-layer (1s) board and on the four-layer
board with two signal layers and a power and a ground plane (2s2p) clearly demonstrate that the effective thermal resistance of
Table 4. Thermal Characteristics
Num
Characteristic
Symbol Unit
Value
208 MAPBGA
176 LQFP
144 LQFP
1
Junction to Ambient 1, 2
Natural Convection
(Single layer board)
1 Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2 Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
RθJA
°C/W
44
38
43
2
Junction to Ambient 1, 3
Natural Convection
(Four layer board 2s2p)
3 Per JEDEC JESD51-6 with the board horizontal.
RθJA
°C/W
27
31
34
3
Junction to Ambient 1, 3
(@200 ft./min., Single layer board)
RθJMA °C/W
35
30
34
4
Junction to Ambient 1, 3
(@200 ft./min., Four layer board 2s2p)
RθJMA °C/W
24
25
28
5
Junction to Board 4
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
RθJB
°C/W
16
20
22
6
Junction to Case 5
5 Indicates the average thermal resistance between the die and the case top surface as measured by the cold plate method
(MIL SPEC-883 Method 1012.1) with the cold plate temperature used for the case temperature.
RθJC
°C/W
8
6
7
7
Junction to Package Top 6
Natural Convection
6 Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2.
Ψ
JT
°C/W
2
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com