Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
Pin Assignments and Reset States
MPC5510 Microcontroller Family Data Sheet, Rev. 3
Freescale Semiconductor
9
PE3
67
PE3
SCK_A
eMIOS2
MLBSO /
MLBSIG_BUFEN
GPIO
DSPI_A Clock
eMIOS Channel
MLB Signal Out (5-pin) /
MLB Signal Level Shifter Enable (3-pin)
I/O
I/O
O
O
O
VDDE1
MH
—
—
83
100
M13
PE4
68
PE4
SOUT_A
eMIOS1
MLBDO /
MLBDAT_BUFEN
GPIO
DSPI_A Data Out
eMIOS Channel
MLB Data Out (5-pin) /
MLB Data Level Shifter Enable (3-pin)
I/O
O
O
O
O
VDDE1
MH
—
—
82
98
N14
PE5
69
PE5
SIN_A
eMIOS0
MLB_SLOT /
MLB_SIGOBS /
MLB_DATOBS
GPIO
DSPI_A Data In
eMIOS Channel
MLB Slot Debug /
MLB Clock Adjust Observe Signal /
MLB Clock Adjust Observe Data
I/O
I
O
O
O
O
VDDE1
MH
—
—
81
97
M15
PE6
70
PE6
CLKOUT
GPIO
System Clock Output
I/O
O
VDDE3
MH
—
—
67
83
P13
PE7
71
PE7
GPIO
I/O
VDDE1
SH
—
—
—
—
H13
PE8
72
PE8
GPIO
I/O
VDDE1
SH
—
—
—
—
H16
PE9
72
PE9
GPIO
I/O
VDDE1
SH
—
—
—
—
J13
PE10
74
PE10
GPIO
I/O
VDDE1
SH
—
—
—
112
J16
PE11
75
PE11
GPIO
I/O
VDDE1
SH
—
—
—
111
J15
PE12
76
PE12
GPIO
I/O
VDDE1
SH
—
—
—
109
K13
PE13
77
PE13
GPIO
I/O
VDDE1
SH
—
—
—
108
L13
PE14
78
PE14
GPIO
I/O
VDDE1
SH
—
—
—
102
L16
PE15
79
PE15
GPIO
I/O
VDDE1
SH
—
—
—
99
M14
Port F (16)
PF0
80
PF0
RD_WR
EVTI8
GPIO
EBI Read/Write
Nexus Event In
I/O
I/O
I
VDDE3
MH
—
—
66
82
N12
PF1
81
PF1
TA
MLBCLK
EVTO8
GPIO
EBI Transfer Acknowledge
MLB Clock
Nexus Event Out
I/O
I/O
I
O
VDDE3
MH
—
—
65
81
P12
PF2
82
PF2
AD8
ADDR8
MLBSI /
MLBSIG
MSEO8
GPIO
EBI Muxed Address/Data
EBI Non Muxed Address
MLB Signal In (5-pin) /
MLB Bi-Directional Signal (3-pin)
Nexus Message Start/End Out
I/O
I/O
O
I
I/O
O
VDDE3
MH
—
—
64
80
R12
Table 1. MPC5510 Signal Properties (continued)
Pin
Name
GPIO
(PCR)
Num1
Supported
Functions2
Description
I/O
Type
Voltage3
Pad4
Type
Status
During
Reset5
Status
After
Reset5
Package Pin
Locations
144 176 208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com