Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
Electrical Characteristics
MPC5510 Microcontroller Family Data Sheet, Rev. 3
Freescale Semiconductor
33
2.9
FMPLL Electrical Characteristics
Table 14. FMPLL Electrical Specifications 1
1 V
DDSYN = 3.0V to 3.6 V, VSSSYN = 0 V, TA = TL to TH
Num
Characteristic
Symbol
Min.
Value
Max.
Value
Unit
1
System frequency2
-40 oC
≤ T
J ≤ 120
oC
-40 oC
≤ T
J ≤ 145
oC
2 The maximum value is without frequency modulation turned on. If frequency modulation is turned on, the maximum value
(average frequency) must be de-rated by the percentage of modulation enabled.
fsys
375
375
80000 3
66000
3 80 MHz is only available in the 208 pin package.
kHz
2
PLL Reference Frequency (output of predivider)
fpllref
410
MHz
3
VCO Frequency4
4 Optimum performance is achieved with the highest VCO frequency feasible based on the highest ERFD that results in the desired
PLL frequency.
fvco
192
500
MHz
4
PLL Frequency 5
-40 oC
≤ T
J ≤ 120
oC
-40 oC
≤ T
J ≤ 145
oC
5 The VCO frequency range is higher than the maximum allowable PLL frequency. The synthesizer control register 2’s enchanced
reduced frequency divider (FMPLL_SYNCR2[ERFD]) in enhanced operation mode must be programmed to divide the VCO
frequency within the PLL frequency range.
fpll
3
3
80 3
66
MHz
5
Loss of Reference Frequency 6
6 Loss of reference frequency is the reference frequency detected by the PLL which then transitions into self clocked mode.
fLOR
100
1000
kHz
6
Self Clocked Mode Frequency 7
7 Self clocked mode frequency is the frequency that the PLL operates at when the reference frequency falls below f
LOR.
fSCM
13
35
MHz
7
PLL Lock Time 8
8 This specification applies to the period required for the PLL to relock after changing the enhanced multiplication factor divider
(EMFD) bits in the synthesizer control register 1 (SYNCR1) in enhanced operation mode.
tlpll
—750
μs
8
Frequency un-LOCK Range
fUL
– 4.0
4.0
% fsys
9
Frequency LOCK Range
fLCK
– 2.0
2.0
% fsys
10
CLKOUT Cycle-to-cycle Jitter,9, 10
9 Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum f
sys.
Measurements are made with the device powered by filtered supplies and clocked by a stable external clock signal. Noise
injected into the PLL circuitry via VDDSYN and VSSSYN and variation in crystal oscillator frequency increase the jitter percentage
for a given interval. CLKOUT divider set to divide-by-2.
10 Values are with frequency modulation disabled. If frequency modulation is enabled, jitter is the sum of C
jitter + Cmod.
Cjitter
– 5
5
% fclkout
10a
CLKOUT Jitter at 10 µs period 9,10, 11
11 The PLL % jitter reduces with more cycles. 10 µs was picked for a reference point for LIN (100 Kbits), slower speeds will have
even less % jitter.
Cjitter
– 0.05
0.05
% fclkout
11
Frequency Modulation Depth 1% Setting 12,13
(fsysMax must not be exceeded)
12 Modulation depth selected must not result in f
sys value greater than the fsys maximum specified value.
13 These depth ranges are obtained by filtering the raw cycle-to-cycle clock frequency data to eliminate the presence of the the
normal clock jitter riding on top of the FM waveform. The allowable modulation rates are 400 kHz to 1 MHz.
Cmod
0.5
2
%fsys
12
Frequency Modulation Depth 2% Setting 12,13
(fsysMax must not be exceeded)
Cmod
13
%fsys



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com