Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
MPC5510 Microcontroller Family Data Sheet, Rev. 3
Pin Assignments and Reset States
Freescale Semiconductor
12
PG9
105
PG9
AD25
PCS_A3
TXD_C
GPIO
EBI Muxed Address/Data
DSPI_A Peripheral Chip Select
SCI_C Transmit
I/O
I/O
O
O
VDDE2
MH
—
—
34
42
N3
PG10
106
PG10
AD26
PCS_A2
GPIO
EBI Muxed Address/Data
DSPI_A Peripheral Chip Select
I/O
I/O
O
VDDE2
MH
—
—
30
38
N2
PG11
107
PG11
AD27
PCS_A1
GPIO
EBI Muxed Address/Data
DSPI_A Peripheral Chip Select
I/O
I/O
O
VDDE2
MH
—
—
29
37
N1
PG12
108
PG12
AD28
PCS_A0
GPIO
EBI Muxed Address/Data
DSPI_A Peripheral Chip Select
I/O
I/O
I/O
VDDE2
MH
—
—
28
36
M4
PG13
109
PG13
AD29
SCK_A
GPIO
EBI Muxed Address/Data
DSPI_A Clock
I/O
I/O
I/O
VDDE2
MH
—
—
27
35
M3
PG14
110
PG14
AD30
SOUT_A
GPIO
EBI Muxed Address/Data
DSPI_A Data Out
I/O
I/O
O
VDDE2
MH
—
—
26
34
M2
PG15
111
PG15
AD31
SIN_A
GPIO
EBI Muxed Address/Data
DSPI_A Data In
I/O
I/O
I
VDDE2
MH
—
—
25
33
M1
Port H (16)
PH0
112
PH0
AN27
eMIOS20
SCL_A
GPIO
eQADC Analog Input7
eMIOS Channel
I2C_A Serial Clock
I/O
I
O
I/O
VDDE2
A + SH
—
—
24
32
L3
PH1
113
PH1
AN26
eMIOS21
SDA_A
GPIO
eQADC Analog Input7
eMIOS Channel
I2C_A Serial Data
I/O
I
O
I/O
VDDE2
A + SH
—
—
23
31
L2
PH2
114
PH2
AN25
eMIOS22
CS3
GPIO
eQADC Analog Input7
eMIOS Channel
EBI Chip Select
I/O
I
O
O
VDDE2
A + MH
—
—
22
30
L1
PH3
115
PH3
AN24
eMIOS23
CS2
GPIO
eQADC Analog Input7
eMIOS Channel
EBI Chip Select
I/O
I
O
O
VDDE2
A + MH
—
—
21
29
K4
PH4
116
PH4
AN23
TXD_E
MA2
GPIO
eQADC Analog Input7
SCI_E Transmit
eQADC External Mux Address
I/O
I
O
O
VDDE2
A + SH
—
—
20
28
K3
PH5
117
PH5
AN22
RXD_E
MA1
GPIO
eQADC Analog Input7
SCI_E Receive
eQADC External Mux Address
I/O
I
I
O
VDDE2
A + SH
—
—
19
24
J3
Table 1. MPC5510 Signal Properties (continued)
Pin
Name
GPIO
(PCR)
Num1
Supported
Functions2
Description
I/O
Type
Voltage3
Pad4
Type
Status
During
Reset5
Status
After
Reset5
Package Pin
Locations
144 176 208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com