Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
Electrical Characteristics
MPC5510 Microcontroller Family Data Sheet, Rev. 3
Freescale Semiconductor
25
2.4
DC Electrical Specifications
Table 6. DC Electrical Specifications
Num
Characteristic
Symbol
Min
Max
Unit
1a
C parts
Operating junction temperature range
Operating ambient temperature range1
TJ
TA
– 40
– 40
105
85
oC
oC
1b
V parts
Operating junction temperature range
Operating ambient temperature range1
TJ
TA
– 40
– 40
120
105
oC
oC
1c
M parts2
Operating junction temperature range
Operating ambient temperature range1
TJ
TA
– 40
– 40
145
125
oC
oC
2
5.0V Voltage Regulator Reference Voltage
VDDR
4.5
5.25
V
3
5.0V Analog Supply Voltage
VDDA
4.5
5.25
V
4
5.0V Flash Program/Erase Voltage 3
VPP
4.5
5.25
V
5
3.3V – 5.0V External I/O Supply Voltage
VDDE1
4,5
VDDE2
4
VDDE3
4
3.0
3.0
3.0
5.5
5.5
5.5
V
6
Pad (SH/MH/IH) Input High Voltage
VIH
0.65
× V
DDE VDDE + 0.3
V
7
Pad (SH/MH/IH) Input Low Voltage
VIL
VSS – 0.3 0.35 × VDDE
V
8
Pad (SH/MH/IH) Input Hysteresis
VHYS
0.1
× V
DDE
0.2
× V
DDE
V
9
Analog (AE/A) Input Voltage
VINDC
VSSA – 0.3 VDDA + 0.3
see note5
V
10
Slow/Medium I/O Output High Voltage
IOH = –1.0 mA
IOH = –0.2 mA
VOH
0.80
× V
DDE
0.95
× V
DDE
—
V
11
Slow/Medium I/O Output Low Voltage
IOL = 1.0 mA
IOH = 0.2 mA
VOL
—0.20
× V
DDE
0.05
× V
DDE
V
12
Input Capacitance (Digital Pins: Pad type MH,SH, IH with no A or AE)
CIN
—7
pF
13
Input Capacitance (Analog Pins: Pad type A, AE, and AE+IH)
CIN_A
—10
pF
14
Input Capacitance (Shared digital and analog pins: A with SH or MH)
CIN_M
—12
pF
15
Slow/Medium I/O Weak Pull Up/Down Absolute Current 6
IACT
10
170
μA
16
I/O Input Leakage Current 7
IINACT_D
– 1.5
1.5
μA
17
DC Injection Current (per pin)
IIC
– 2.0
2.0
mA
18
Analog Input Current, Channel Off 8 (Analog pins AE and AE+IH)
IINACT_A
– 200
200
nA
19
Analog Input Current (Shared digital and analog pins: A with SH or
MH)
IINACT_AD
–1.5
1.5
μA
20
VRH to VDDA Differential Voltage
VRH – VDDA
– 100
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com