Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
MPC5510 Microcontroller Family Data Sheet, Rev. 3
Electrical Characteristics
Freescale Semiconductor
26
21
VRL to VSSA Differential Voltage
VRL – VSSA
– 100
100
mV
22
VSS to VSSA Differential Voltage
VSS – VSSA
– 100
100
mV
23
VSSSYN to VSS Differential Voltage
VSSSYN – VSS
–50
50
mV
24
VDDR to VDDA Differential Voltage
VDDR – VDDA
– 100
100
mV
25
Slew rate on VDDA, VDDR, and VDDE power supply pins9
Vramp
1
100
V/ms
26
Capactive Supply Load
VDD
VDD33
VDDSYN
Vload
800
200
200
—
—
nF
1 Please refer to Section 2.2.1, “General Notes for Specifications at Maximum Junction Temperature” for more details about the
relation between ambient temperature TA and device junction temperature TJ.
2 M parts can’t go above 66 MHz.
3 V
PP can drop to 0 volts during read-only operations and before entry to Sleep mode, to reduce power consumption.
4 V
DDE1, VDDE2, and VDDE3 are separate power segments and may be powered independently with no differential voltage
constraints between the power segments.
5 If V
DDE1 is below VDDA than the analog input limits (spec #9 (Analog (AE/A) Input Voltage) in Table 6) will be based on the
VDDE1 voltage level.
6 Absolute value of current, measured at V
IL and VIH.
7 Weak pull up/down inactive. Measured at V
DDE = 5.25 V. Applies to pad types: SH and MH.
8 Maximum leakage occurs at maximum operating temperature. Leakage current decreases by approximately one-half for each
8 to 12 oC, in the ambient temperature range of 50 to 125 oC. Applies to pad types: A and AE.
9 This applies to the ramp up rate from 0.3 volts to 3.0 volts.
Table 6. DC Electrical Specifications (continued)
Num
Characteristic
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com