Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC5510 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
Pin Assignments and Reset States
MPC5510 Microcontroller Family Data Sheet, Rev. 3
Freescale Semiconductor
5
PA15
15
PA15
AN15
XTAL326
GPI
eQADC Analog Input
32 kHz Crystal Oscillator Output
I
I
O
VDDA
AE + IH
—
—
135
165
C6
Port B (16)
PB0
16
PB0
AN28
eMIOS16
PCS_C5
GPIO
eQADC Analog Input7
eMIOS Channel
DSPI_C Peripheral Chip Select
I/O
I
O
O
VDDE1
A + SH
—
—
134
162
C7
PB1
17
PB1
AN29
eMIOS17
PCS_C4
GPIO
eQADC Analog Input7
eMIOS Channel
DSPI_C Peripheral Chip Select
I/O
I
O
O
VDDE1
A + SH
—
—
133
161
D7
PB2
18
PB2
AN30
eMIOS18
PCS_C3
GPIO
eQADC Analog Input7
eMIOS Channel
DSPI_C Peripheral Chip Select
I/O
I
O
O
VDDE1
A + SH
—
—
132
160
A8
PB3
19
PB3
AN31
PCS_C2
GPIO
eQADC Analog Input7
DSPI_C Peripheral Chip Select
I/O
I
O
VDDE1
A + SH
—
—
131
159
B8
PB4
20
PB4
AN32
PCS_C1
GPIO
eQADC Analog Input7
DSPI_C Peripheral Chip Select
I/O
I
O
VDDE1
A + SH
—
—
130
158
C8
PB5
21
PB5
AN33
PCS_C0
GPIO
eQADC Analog Input7
DSPI_C Peripheral Chip Select
I/O
I
I/O
VDDE1
A + SH
—
—
129
157
D8
PB6
22
PB6
AN34
SCK_C
GPIO
eQADC Analog Input7
DSPI_C Clock
I/O
I
I/O
VDDE1
A + SH
—
—
128
156
A9
PB7
23
PB7
AN35
SOUT_C
GPIO
eQADC Analog Input7
DSPI_C Data Output
I/O
I
O
VDDE1
A + SH
—
—
127
153
B9
PB8
24
PB8
AN36
SIN_C
GPIO
eQADC Analog Input7
DSPI_C Data Input
I/O
I
I
VDDE1
A + SH
—
—
126
152
C9
PB9
25
PB9
AN37
CNTX_D
PCS_B4
GPIO
eQADC Analog Input7
CAN_D Transmit
DSPI_B Peripheral Chip Select
I/O
I
O
O
VDDE1
A + SH
—
—
125
151
D9
PB10
26
PB10
AN38
CNRX_D
PCS_B3
GPIO
eQADC Analog Input7
CAN_D Receive
DSPI_B Peripheral Chip Select
I/O
I
I
O
VDDE1
A + SH
—
—
124
150
A10
PB11
27
PB11
AN39
eMIOS19
PCS_B5
GPIO
eQADC Analog Input7
eMIOS Channel
DSPI_B Peripheral Chip Select
I/O
I
O
O
VDDE1
A + SH
—
—
123
149
B10
Table 1. MPC5510 Signal Properties (continued)
Pin
Name
GPIO
(PCR)
Num1
Supported
Functions2
Description
I/O
Type
Voltage3
Pad4
Type
Status
During
Reset5
Status
After
Reset5
Package Pin
Locations
144 176 208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com