Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
Electrical Characteristics
MPC5510 Microcontroller Family Data Sheet, Rev. 3
Freescale Semiconductor
43
2.13.5
External Bus Interface (EBI)
Figure 14. CLKOUT Timing
Table 23. External Bus Operation Timing1
1 EBI timing specified at VDDE = 3.0V to 5.5V, T
A = TL to TH, and CL = 50pF with SIU_PCRn[SRC] = 0b11.
Num
Characteristic
Symbol
Min
Max
Unit
1
CLKOUT Period2
2 Initialize SIU_ECCR[EBDF] to meet maximum external bus frequency.
TC
40.0
—
ns
2
CLKOUT duty cycle
tCDC
45%
55%
TC
3
CLKOUT rise time
tCRT
——3
3 Refer to Medium High Voltage (MH) pad AC specification in Table 18.
ns
4
CLKOUT fall time
tCFT
——3
ns
5
CLKOUT Positive Edge to Output Signal Invalid or High Z (Hold Time)
tCOH
2.0
—
ns
6
CLKOUT Positive Edge to Output Signal Valid (Output Delay)
tCOV
—
10.0
ns
7
Input Signal Valid to CLKOUT Posedge (Setup Time)
tCIS
20.0
—
ns
8
CLKOUT Posedge to Input Signal Invalid (Hold Time)
tCIH
0—
ns
9
ALE Pulse Width High Time
tALEPWH
20
—
ns
10
ALE Fall to AD Invalid
tALEAD
2—
ns
1
2
2
3
4
CLKOUT
VDDE/2
Vol_f
Voh_f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com