Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Pin Assignments and Reset States
MPC5510 Microcontroller Family Data Sheet, Rev. 3
Freescale Semiconductor
11
PF13
93
PF13
OE
RXD_D
GPIO
EBI Output Enable
SCI_D Receive
I/O
O
I
VDDE2
MH
—
—
49
59
R6
PF14
94
PF14
WE0
BDIP
CNTX_D
GPIO
EBI Write Enable
EBI Burst Data In Progress
CAN_D Transmit
I/O
O
O
O
VDDE2
MH
—
—
45
55
P6
PF15
95
PF15
WE1
TEA
CNRX_D
GPIO
EBI Write Enable
EBI Transfer Error Acknowledge
CAN_D Receive
I/O
O
I/O
I
VDDE2
MH
—
—
44
54
N6
Port G (16)
PG0
96
PG0
AD16
eMIOS16
GPIO
EBI Muxed Address/Data
eMIOS Channel
I/O
I/O
I/O
VDDE2
MH
—
—
43
51
P5
PG1
97
PG1
AD17
eMIOS17
SIN_C
GPIO
EBI Muxed Address/Data
eMIOS Channel
DSPI_C Serial In
I/O
I/O
I/O
I
VDDE2
MH
—
—
42
50
T4
PG2
98
PG2
AD18
eMIOS18
SOUT_C
GPIO
EBI Muxed Address/Data
eMIOS Channel
DSPI_C Serial Out
I/O
I/O
I/O
O
VDDE2
MH
—
—
41
49
R4
PG3
99
PG3
AD19
eMIOS19
SCK_C
GPIO
EBI Muxed Address/Data
eMIOS Channel
DSPI_C Serial Clock
I/O
I/O
I/O
I/O
VDDE2
MH
—
—
40
48
P4
PG4
100
PG4
AD20
eMIOS20
PCS_C0
GPIO
EBI Muxed Address/Data
eMIOS Channel
DSPI_C Peripheral Chip Select
I/O
I/O
I/O
I/O
VDDE2
MH
—
—
39
47
T3
PG5
101
PG5
AD21
eMIOS21
GPIO
EBI Muxed Address/Data
eMIOS Channel
I/O
I/O
I/O
VDDE2
MH
—
—
38
46
R3
PG6
102
PG6
AD22
eMIOS22
GPIO
EBI Muxed Address/Data
eMIOS Channel
I/O
I/O
I/O
VDDE2
MH
—
—
37
45
T2
PG7
103
PG7
AD23
eMIOS23
RXD_C
GPIO
EBI Muxed Address/Data
eMIOS Channel
SCI_C Receive
I/O
I/O
I/O
I
VDDE2
MH
—
—
36
44
R1
PG8
104
PG8
AD24
PCS_A4
GPIO
EBI Muxed Address/Data
DSPI_A Peripheral Chip Select
I/O
I/O
O
VDDE2
MH
—
—
35
43
P2
Table 1. MPC5510 Signal Properties (continued)
Pin
Name
GPIO
(PCR)
Num1
Supported
Functions2
Description
I/O
Type
Voltage3
Pad4
Type
Status
During
Reset5
Status
After
Reset5
Package Pin
Locations
144 176 208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com