Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4M Datasheet(PDF) 56 Page - Holtek Semiconductor Inc

Part # HT45F4M
Description  Lithium Battery Backup Power ASSP MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4M Datasheet(HTML) 56 Page - Holtek Semiconductor Inc

Back Button HT45F4M Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 60Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 138 page
background image
Rev. 1.10
�6
�an�a�� 1�� �01�
Rev. 1.10
�7
�an�a�� 1�� �01�
HT45F4M
Lithium Battery Backup Power ASSP MCU
HT45F4M
Lithium Battery Backup Power ASSP MCU
TMPC Register
Register
Name
Bit
7
6
5
4
3
2
1
0
Name
OUTHN
OUTLN OUTCP1 OUTCP0
T1CP1
T1CP0
T0CP1
T0CP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
0
0
0
0
0
0
Bit7
OUTHN:OUTHsignalinvertingcontrol
0:Non-inverted
1:Inverted
ThisbitisusedtocontrolwhethertheOUTHsignalisinvertedornotbeforeoutput.
Bit6
OUTLN:OUTLsignalinvertingcontrol
0:Non-inverted
1:Inverted
ThisbitisusedtocontrolwhethertheOUTLsignalisinvertedornotbeforeoutput.
Bit5~4
OUTCP [1:0]:OUTHandOUTLpincontrol
00:NormalI/Ofunction,i.e.,PB5andPB4
01:PB5andOUTH
10:OUTLandPB4
11:OUTLandOUTH
Ifthesebitsaresetto“11”,thedeadtimecircuitrywillbeautomaticallyenabled.
Ifthesebitsaresettoavalueexcept“11”,thenthedeadtimecircuitrywillbe
automaticallydisabled.
Bit3
T1CP1:TP1_1pincontrol
0:TP1_1pinisdisabled
1:TP1_1pinisenabled
Bit2
T1CP0:TP1_0pincontrol
0:TP1_0pinisdisabled
1:TP1_0pinisenabled
Bit1
T0CP1:TP0_1pincontrol
0:TP0_1pinisdisabled
1:TP0_1pinisenabled
Bit0
T0CP0:TP0_0pincontrol
0:TP0_0pinisdisabled
1:TP0_0pinisenabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com