Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4M Datasheet(PDF) 91 Page - Holtek Semiconductor Inc

Part # HT45F4M
Description  Lithium Battery Backup Power ASSP MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4M Datasheet(HTML) 91 Page - Holtek Semiconductor Inc

Back Button HT45F4M Datasheet HTML 87Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 88Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 89Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 90Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 91Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 92Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 93Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 94Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 95Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 138 page
background image
Rev. 1.10
90
�an�a�� 1�� �01�
Rev. 1.10
91
�an�a�� 1�� �01�
HT45F4M
Lithium Battery Backup Power ASSP MCU
HT45F4M
Lithium Battery Backup Power ASSP MCU
A/D Operation
TheSTARTbitintheADCR0registerisusedtostartandresettheA/Dconverter.Whenthe
microcontrollersetsthisbitfromlowtohighandthenlowagain,ananalogtodigitalconversion
cyclewillbeinitiated.WhentheSTARTbitisbroughtfromlowtohighbutnotlowagain,the
EOCBbitintheADCR0registerwillbesethighandtheanalogtodigitalconverterwillbereset.
ItistheSTARTbitthatisusedtocontroltheoverallstartoperationoftheinternalanalogtodigital
converter.
TheEOCBbitintheADCR0registerisusedtoindicatewhentheanalogtodigitalconversion
processiscomplete.Thisbitwillbeautomaticallysetto“0”bythemicrocontrolleraftera
conversioncyclehasended.Inaddition,thecorrespondingA/Dinterruptrequestflagwillbeset
intheinterruptcontrolregister,andiftheinterruptsareenabled,anappropriateinternalinterrupt
signalwillbegenerated.ThisA/Dinternalinterruptsignalwilldirecttheprogramflowtothe
associatedA/Dinternalinterruptaddressforprocessing.IftheA/Dinternalinterruptisdisabled,
themicrocontrollercanbeusedtopolltheEOCBbitintheADCR0registertocheckwhetherithas
beenclearedasanalternativemethodofdetectingtheendofanA/Dconversioncycle.
TheclocksourcefortheA/Dconverter,whichoriginatesfromthesystemclockfSYS,canbechosen
tobeeitherfSYSorasubdividedversionoffSYS.Thedivisionratiovalueisdeterminedbythe
ADCK2~ADCK0bitsintheADCR1register.
AlthoughtheA/DclocksourceisdeterminedbythesystemclockfSYS,andbybitsADCK2~ADCK0,
therearesomelimitationsontheA/Dclocksourcespeedrangethatcanbeselected.Asthe
recommendedrangeofpermissibleA/Dclockperiod,tADCK,isfrom0.5µsto10µs,caremustbe
takenforselectedsystemclockfrequencies.Forexample,ifthesystemclockoperatesatafrequency
of4MHz,theADCK2~ADCK0bitsshouldnotbesetto000Bor110B.DoingsowillgiveA/D
clockperiodsthatarelessthantheminimumA/DclockperiodorgreaterthanthemaximumA/D
clockperiodwhichmayresultininaccurateA/Dconversionvalues.
Refertothefollowingtableforexamples,wherevaluesmarkedwithanasterisk*showwhere,
dependinguponthedevice,specialcaremustbetaken,asthevaluesmaybeoutoftherecommended
A/Dclockperiodrange.
fSYS
A/D Clock Period (tADCK)
ADCK2,
ADCK1,
ADCK0
=000
(fSYS)
ADCK2,
ADCK1,
ADCK0
=001
(fSYS/2)
ADCK2,
ADCK1,
ADCK0
=010
(fSYS/4)
ADCK2,
ADCK1,
ADCK0
=011
(fSYS/8)
ADCK2,
ADCK1,
ADCK0
=100
(fSYS/16)
ADCK2,
ADCK1,
ADCK0
=101
(fSYS/32)
ADCK2,
ADCK1,
ADCK0
=110
(fSYS/64)
ADCK2,
ADCK1,
ADCK0
=111
1MHz
1μs
�μs
4μs
8μs
16μs*
��μs*
64μs*
Undefined
�MHz
�00ns
1μs
�μs
4μs
8μs
16μs*
��μs*
Undefined
4MHz
��0ns*
�00ns
1μs
�μs
4μs
8μs
16μs*
Undefined
8MHz
1��ns*
��0ns*
�00ns
1μs
�μs
4μs
8μs
Undefined
1�MHz
8�ns*
167ns*
���ns*
667ns
1.��μs
�.67μs
�.��μs
Undefined
16MHz
6�.�ns*
1��ns*
��0ns*
�00ns
1μs
�μs
4μs
Undefined
�0MHz
�0ns*
100ns*
�00ns*
400ns*
800ns
1.6μs
�.�μs
Undefined
A/D Clock Period Examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com