Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4M Datasheet(PDF) 89 Page - Holtek Semiconductor Inc

Part # HT45F4M
Description  Lithium Battery Backup Power ASSP MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4M Datasheet(HTML) 89 Page - Holtek Semiconductor Inc

Back Button HT45F4M Datasheet HTML 85Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 86Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 87Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 88Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 89Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 90Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 91Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 92Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 93Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 138 page
background image
Rev. 1.10
88
�an�a�� 1�� �01�
Rev. 1.10
89
�an�a�� 1�� �01�
HT45F4M
Lithium Battery Backup Power ASSP MCU
HT45F4M
Lithium Battery Backup Power ASSP MCU
ADCR1 Register
Bit
7
6
5
4
3
2
1
0
Name
ACS4
VBGEN
—
VREFS
—
ADCK�
ADCK1
ADCK0
R/W
R/W
R/W
—
R/W
—
R/W
R/W
R/W
POR
0
0
—
0
—
0
0
0
Bit7
ACS4:SelecteInternal1.25VasADCinputControl
0:disable
1:enable
Thisbitenables1.25VtobeconnectedtotheA/Dconverter.TheVBGENbitmust
firsthavebeensettoenablethebandgapcircuit1.25VvoltagetobeusedbytheA/D
converter.WhentheACS4bitissethigh,thebandgap1.25Vvoltagewillberoutedto
theA/DconverterandtheotherA/Dinputchannelsdisconnected.
Bit6
VBGEN
:Internal1.25VControl
0:disable
1:enable
ThisbitcontrolstheinternalBandgapcircuiton/offfunctiontotheA/Dconverter.
Whenthebitissethighthebandgap1.25VvoltagecanbeusedbytheA/Dconverter.
If1.25VisnotusedbytheA/DconverterandtheLVR/LVDfunctionisdisabledthen
thebandgapreferencecircuitwillbeautomaticallyswitchedofftoconservepower.
When1.25VisswitchedonforusebytheA/Dconverter,atimetBGshouldbeallowed
forthebandgapcircuittostabilisebeforeimplementinganA/Dconversion.
Bit5
Unimplemented,readas"0"
Bit4
VREFS:SelecteADCreferencevoltage
0:InternalADCpower
1:VREFpin
ThisbitisusedtoselectthereferencevoltagefortheA/Dconverter.Ifthebitishigh
thentheA/DconverterreferencevoltageissuppliedontheexternalVREFpin.Ifthe
pinislowthentheinternalreferenceisusedwhichistakenfromthepowersupplypin
VDD.
Bit3
Unimplemented,readas"0"
Bit2~0
ADCK2 ~ ADCK0:SelectADCclocksource
000:fSYS
001:fSYS/2
010:fSYS/4
011:fSYS/8
100:fSYS/16
101:fSYS/32
110:fSYS/64
111:Undefined
ThesethreebitsareusedtoselecttheclocksourcefortheA/Dconverter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com