Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4M Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT45F4M
Description  Lithium Battery Backup Power ASSP MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4M Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT45F4M Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 138 page
background image
Rev. 1.10
16
�an�a�� 1�� �01�
Rev. 1.10
17
�an�a�� 1�� �01�
HT45F4M
Lithium Battery Backup Power ASSP MCU
HT45F4M
Lithium Battery Backup Power ASSP MCU
Flash Program Memory
TheProgramMemoryisthelocationwheretheusercodeorprogramisstored.Forthisdevicethe
ProgramMemoryisFlashtype,whichmeansitcanbeprogrammedandre-programmedalarge
numberoftimes,allowingtheusertheconvenienceofcodemodificationonthesamedevice.
Byusingtheappropriateprogrammingtools,thisFlashdeviceoffersuserstheflexibilityto
convenientlydebuganddeveloptheirapplicationswhilealsoofferingameansoffieldprogramming
andupdating.
Structure
TheProgramMemoryhasacapacityof2K×16bits.TheProgramMemoryisaddressedbythe
ProgramCounterandalsocontainsdata,tableinformationandinterruptentries.Tabledata,which
canbesetupinanylocationwithintheProgramMemory,isaddressedbyaseparatetablepointer
register.
Special Vectors
WithintheProgramMemory,certainlocationsarereservedfortheresetandinterrupts.Thelocation
000Hisreservedforusebythedeviceresetforprograminitialisation.Afteradeviceresetis
initiated,theprogramwilljumptothislocationandbeginexecution.
16 b it s
000H
004H
008H
00 CH
010H
014H
018H
01 CH
020H
024H
028H
7 FFH
In it ia li sa ti on
Ve ct or
Ov er V ol ta ge
Pr ot ec ti on In te rr up t
Ov er C ur re nt
Pr ot ec ti on In te rr up t
Ex te rn al
In te rr up t 0 V ec to r
Mu lt i_ Fu nc ti on
In te rr up t 0 V ec to r
Mu lt i_ Fu nc ti on
In te rr up t 1 V ec to r
Mu lt i_ Fu nc ti on
In te rr up t 2 Ve ct or
A/ D
In te rr up t Ve ct or
Ti me B as e 0
I nt er ru pt V ec to r
Ti me B as e 1
I nt er ru pt V ec to r
Ex te ma l
I nt er ru pt 1 V ec to r
Program Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com