Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4M Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT45F4M
Description  Lithium Battery Backup Power ASSP MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4M Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT45F4M Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 138 page
background image
Rev. 1.10
18
�an�a�� 1�� �01�
Rev. 1.10
19
�an�a�� 1�� �01�
HT45F4M
Lithium Battery Backup Power ASSP MCU
HT45F4M
Lithium Battery Backup Power ASSP MCU
Look-up Table
AnylocationwithintheProgramMemorycanbedefinedasalook-uptablewhereprogrammerscan
storefixeddata.Tousethelook-uptable,thetablepointermustfirstbesetupbyplacingtheaddress
ofthelookupdatatoberetrievedinthetablepointerregister,TBLPandTBHP.Theseregisters
definethetotaladdressofthelook-uptable.
Aftersettingupthetablepointer,thetabledatacanberetrievedfromtheProgramMemoryusing
the“TABRD[m]”or“TABRDL[m]”instructions,respectively.Whentheinstructionisexecuted,
thelowerordertablebytefromtheProgramMemorywillbetransferredtotheuserdefined
DataMemoryregister[m]asspecifiedintheinstruction.Thehigherordertabledatabytefrom
theProgramMemorywillbetransferredtotheTBLHspecialregister.Anyunusedbitsinthis
transferredhigherorderbytewillbereadas“0”.
Theaccompanyingdiagramillustratestheaddressingdataflowofthelook-uptable.
Re gi st er T BL H
Us er S el ec te d
Re gi st er
Hi gh B yt eL ow B yt e
TB LP R eg is te r
Da ta
16 b it s
Pr og ra m Me mo ry
Las t p age o r
TB HP R egi st er
Instruction
Table Location Bits
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
TABRD [m]
@10
@9
@8
@7
@6
@�
@4
@�
@�
@1
@0
TABRDL [m]
1
1
1
@7
@6
@�
@4
@�
@�
@1
@0
Table Location
Note:b10~b0:Tablelocationbits
@7~@0:Tablepointer(TBLP)bits
@10~@8:Tablepointer(TBHP)bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com