Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4M Datasheet(PDF) 73 Page - Holtek Semiconductor Inc

Part # HT45F4M
Description  Lithium Battery Backup Power ASSP MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4M Datasheet(HTML) 73 Page - Holtek Semiconductor Inc

Back Button HT45F4M Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 77Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 138 page
background image
Rev. 1.10
7�
�an�a�� 1�� �01�
Rev. 1.10
7�
�an�a�� 1�� �01�
HT45F4M
Lithium Battery Backup Power ASSP MCU
HT45F4M
Lithium Battery Backup Power ASSP MCU
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TM1C0
T1PAU
T1CK�
T1CK1
T1CK0
T1ON
—
—
—
TM1C1
T1M1
T1M0
T1IO1
T1IO0
T1OC
T1POL T1CAPTS T1CCLR
TM1DL
D7
D6
D�
D4
D�
D�
D1
D0
TM1DH
—
—
—
—
—
—
D9
D8
TM1AL
D7
D6
D�
D4
D�
D�
D1
D0
TM1AH
—
—
—
—
—
—
D9
D8
TM1RPL
D7
D6
D�
D4
D�
D�
D1
D0
TM1RPH
—
—
—
—
—
—
D9
D8
10-bit Periodic TM Register List
TM1C0 Register
Bit
7
6
5
4
3
2
1
0
Name
T1PAU
T1CK�
T1CK1
T1CK0
T1ON
—
—
—
R/W
R/W
R/W
R/W
R/W
R/W
—
—
—
POR
0
0
0
0
0
—
—
—
Bit7
T1PAU:TM1CounterPauseControl
0:run
1:pause
Thecountercanbepausedbysettingthisbithigh.Clearingthebittozerorestores
normalcounteroperation.WheninaPauseconditiontheTMwillremainpoweredup
andcontinuetoconsumepower.Thecounterwillretainitsresidualvaluewhenthisbit
changesfromlowtohighandresumecountingfromthisvaluewhenthebitchanges
toalowvalueagain.
Bit6~4
T1CK2 ~ T1CK0:SelectTM1Counterclock
000:fSYS/4
001:fSYS
010:fH/16
011:fH/64
100:fTBC
101:fH
110:TCK1risingedgeclock
111:TCK1fallingedgeclock
ThesethreebitsareusedtoselecttheclocksourcefortheTM.Theexternalpinclock
sourcecanbechosentobeactiveontherisingorfallingedge.TheclocksourcefSYSis
thesystemclock,whilefHandfTBCareotherinternalclocks,thedetailsofwhichcan
befoundintheoscillatorsection.
Bit3
T1ON:TM1CounterOn/OffControl
0:Off
1:On
Thisbitcontrolstheoverallon/offfunctionoftheTM.Settingthebithighenablesthe
countertorun,clearingthebitdisablestheTM.Clearingthisbittozerowillstopthe
counterfromcountingandturnofftheTMwhichwillreduceitspowerconsumption.
Whenthebitchangesstatefromlowtohightheinternalcountervaluewillberesetto
zero,howeverwhenthebitchangesfromhightolow,theinternalcounterwillretain
itsresidualvalueuntilthebitreturnshighagain.
IftheTMisintheCompareMatchOutputModethentheTMoutputpinwillbereset
toitsinitialcondition,asspecifiedbytheTMOutputcontrolbit,whenthebitchanges
fromlowtohigh.
Bit2~0
“—”Unimplemented,readas0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com