Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4M Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F4M
Description  Lithium Battery Backup Power ASSP MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4M Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F4M Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 138 page
background image
Rev. 1.10
1�
�an�a�� 1�� �01�
Rev. 1.10
1�
�an�a�� 1�� �01�
HT45F4M
Lithium Battery Backup Power ASSP MCU
HT45F4M
Lithium Battery Backup Power ASSP MCU
Over Voltage/Current circuit Electrical Characteristics
Ta= ��°C
Symbol Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IOCVP
Ove� c���ent/voltage p�otection
ope�ation c���ent
�V
OCPEN= 1� OVPEN= 1
—
�00
�00
μA
�V
—
4�0
600
μA
Compartor (CA, CB)
VCMPOS1
Compa�ato� inp�t offset voltage �V/�V Witho�t calib�ation CAOF[�:0]�
CBOF[�:0]=100000B
-1�
—
+1�
mV
VCMPOS�
Compa�ato� inp�t offset voltage �V/�V With calib�ation
-4
—
+4
mV
VHYS
H�ste�esis width
�V/�V
—
�0
40
60
mV
VCM
Compa�ato� common mode
voltage �ange
�V/�V
—
VSS
—
VDD-
1.4V
V
AOL
Compa�ato� open loop gain
�V/�V
—
60
80
—
dB
tPD
Compa�ato� �esponse time
�V/�V With 100mV ove�d�ive
—
�70
�60
ns
OPA (A)
VOPOS1
Inp�t offset voltage
�V/�V Witho�t calib�ation�
AOF[�:0]=100000B
-1�
—
1�
mV
VOPOS�
Inp�t offset voltage
�V/�V With calib�ation
-4
—
+4
mV
VCM
Compa�ato� common mode
voltage �ange
�V/�V
—
VSS
—
VDD-
1.4V
V
PSRR
Powe� S�ppl� Rejection Ratio �V/�V
—
60
80
—
dB
CMRR
Common mode Rejetion Ratio �V/�V
—
60
80
—
dB
SR
Slew �ate +� Slew �ate -
�V/�V
—
1.8
�.�
—
V/μs
GBW
Gain band width
�V/�V
—
�00
—
—
KHz
DAC for OCPREF/OVPREF
DNL
DAC Diffe�ential NonLinea�it�
—
—
-1
—
+1
LSB
INL
DAC Integ�al NonLinea�it�
—
—
-�
—
+�
LSB
Power on Reset Electrical Characteristics
Ta= ��°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD Sta�t Voltage to Ens��e
Powe�-on Reset
—
—
—
—
100
mV
RPOR
VDD Rising Rate to Ens��e
Powe�-on Reset
—
—
0.0��
—
—
V/ms
tPOR
Minim�m Time fo� VDD Sta�s at
VPOR to Ens��e Powe�-on Reset
—
—
1
—
—
ms
Ti me
V DD
V PO R
RR VD D
t PO R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com