Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4M Datasheet(PDF) 86 Page - Holtek Semiconductor Inc

Part # HT45F4M
Description  Lithium Battery Backup Power ASSP MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4M Datasheet(HTML) 86 Page - Holtek Semiconductor Inc

Back Button HT45F4M Datasheet HTML 82Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 83Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 84Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 85Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 86Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 87Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 88Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 89Page - Holtek Semiconductor Inc HT45F4M Datasheet HTML 90Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 138 page
background image
Rev. 1.10
86
�an�a�� 1�� �01�
Rev. 1.10
87
�an�a�� 1�� �01�
HT45F4M
Lithium Battery Backup Power ASSP MCU
HT45F4M
Lithium Battery Backup Power ASSP MCU
Analog to Digital Converter
Theneedtointerfacetorealworldanalogsignalsisacommonrequirementformanyelectronic
systems.However,toproperlyprocessthesesignalsbyamicrocontroller,theymustfirstbe
convertedintodigitalsignalsbyA/Dconverters.ByintegratingtheA/Dconversionelectronic
circuitryintothemicrocontroller,theneedforexternalcomponentsisreducedsignificantlywiththe
correspondingfollow-onbenefitsoflowercostsandreducedcomponentspacerequirements.
A/D Overview
Thedevicecontainsamulti-channelanalogtodigitalconverterwhichcandirectlyinterfaceto
externalanalogsignals,suchasthatfromsensorsorothercontrolsignalsandconvertthesesignals
directlyintoa12-bitdigitalvalue.
Input Channels
A/D Channel Select Bits
Input Pins
8
ACS4� ACS�~ACS0
AN0~AN7
TheaccompanyingblockdiagramshowstheoverallinternalstructureoftheA/Dconverter,together
withitsassociatedregisters.
A/ D Co nv er te r
AN 7
AN 6
AN 0
A/ D Re fe re nc e Vo lt ag e
A DRL
AD RH
A/ D Da ta
Re gi st er s
VBG EN
ST AR T EO CB AD O FF
V SS
PA 1/ VR EF
A DCK 2~ A DCK 0
f SY S
AC E7 ~A CE 0
AC S4 ~A CS 0
1. 25V
A/ D Cl oc k
V DD
AD O FF
Bi t
VR EF S
Bi t
AD RF S
bi t
¸ 2 N
(N =0 ~6 )
AN 8
A/D Converter Structure
A/D Converter Register Description
OveralloperationoftheA/Dconverteriscontrolledusingfiveregisters.Areadonlyregisterpair
existstostoretheADCdata12-bitvalue.Theremainingthreeregistersarecontrolregisterswhich
setuptheoperatingandcontrolfunctionoftheA/Dconverter.
Name
Bit
7
6
5
4
3
2
1
0
ADRL(ADRFS=0)
D�
D�
D1
D0
—
—
—
—
ADRL(ADRFS=1)
D7
D6
D�
D4
D�
D�
D1
D0
ADRH(ADRFS=0)
D11
D10
D9
D8
D7
D6
D�
D4
ADRH(ADRFS=1)
—
—
—
—
D11
D10
D9
D8
ADCR0
START
EOCB
ADOFF ADRFS
ACS�
ACS�
ACS1
ACS0
ADCR1
ACS4
VBGEN
—
VREFS
—
ADCK� ADCK1 ADCK0
ACERL
ACE7
ACE6
ACE�
ACE4
ACE�
ACE�
ACE1
ACE0
A/D Converter Register List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com