Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM7005 Datasheet(PDF) 31 Page - Texas Instruments

Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 31 Page - Texas Instruments

Back Button CDCM7005_13 Datasheet HTML 27Page - Texas Instruments CDCM7005_13 Datasheet HTML 28Page - Texas Instruments CDCM7005_13 Datasheet HTML 29Page - Texas Instruments CDCM7005_13 Datasheet HTML 30Page - Texas Instruments CDCM7005_13 Datasheet HTML 31Page - Texas Instruments CDCM7005_13 Datasheet HTML 32Page - Texas Instruments CDCM7005_13 Datasheet HTML 33Page - Texas Instruments CDCM7005_13 Datasheet HTML 34Page - Texas Instruments CDCM7005_13 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
T0076-01
PFDPulse
WidthDelay
PFDPulse
WidthDelay
0V
V
CC
PRI_REForSEC_REF
ClockFedThroughthe
MDividerandDelay
VCXO_INClockFedThrough
theNDividerandDelay
CP_DIR(Bit2ofWord2=0,
DefaultState)
CP_DIR(Bit2ofWord2=1)
V
(InternalSignal)
(PFD1)
V
(InternalSignal)
(PFD2)
CDCM7005
www.ti.com
SCAS793E – JUNE 2005 – REVISED FEBRUARY 2013
Charge Pump Preset to VCC_CP/2
The preset charge pump to VCC_CP/2 is a useful feature to quickly set the center frequency of the VC(X)O after
powerup or reset. The adequate control voltage for the VC(X)O will be provided to the charge-pump output by an
internal voltage divider of 1 k
Ω/1 kΩ to VCC_CP and GND (VCC_CP/2).
This feature helps to get the initial frequency accuracy, i.e. required at CPRI (Common Public Radio Interface) or
OBSAI (Open Base Station Architecture Initiative).
The preset charge pump to VCC_CP/2 can be set and reset by SPI register (word 2, bit 3). This feature must be
disabled for PLL locking.
Charge Pump Current Direction
The direction of the charge pump (CP) current pulse can be changed by the SPI register (word 2, bit 2). It
determines in which direction the CP current regulates (reference clock leads to feedback clock). Most
applications use the positive CP output current (power-up condition) because of the use of a passive loop filter.
The negative CP current is useful when using an active loop filter concept with inverting operational amplifier.
Figure 23 shows the internal PFD signal and the corresponding CP current.
NOTE: The purpose of the PFD pluse width delay is to improve spurious suppression.
Figure 23. Charge Pump Current Direction (VCXO and VCO Support)
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links :CDCM7005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com