Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM7005 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 3 Page - Texas Instruments

  CDCM7005_13 Datasheet HTML 1Page - Texas Instruments CDCM7005_13 Datasheet HTML 2Page - Texas Instruments CDCM7005_13 Datasheet HTML 3Page - Texas Instruments CDCM7005_13 Datasheet HTML 4Page - Texas Instruments CDCM7005_13 Datasheet HTML 5Page - Texas Instruments CDCM7005_13 Datasheet HTML 6Page - Texas Instruments CDCM7005_13 Datasheet HTML 7Page - Texas Instruments CDCM7005_13 Datasheet HTML 8Page - Texas Instruments CDCM7005_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
B0057-01
PECL
to
LVCMOS
Progr.Delay
N
PECL
INPUT
CTRL_LE
CTRL_DATA
CTRL_CLK
VCXO_IN
VCXO_IN
CP_OUT
PLL_LOCK
STATUS_VCXO/
STATUS_REF/
PRI_SEC_CLK
I_REF_CP
RESET or
HOLD
PD
BiasGenerator
V
1.3V
CC
VBB
VCC_CP
VCC
AVCC
GND
PRI_REF
SEC_REF
REF_SEL
LVCMOS
FB_MUX
LV
CMOS
Y0B
Y0A
LV
CMOS
LV
PECL
LV
CMOS
Y1B
Y1A
LV
CMOS
LV
PECL
LV
CMOS
Y2B
Y2A
LV
CMOS
LV
PECL
LV
CMOS
Y3B
Y3A
LV
CMOS
LV
PECL
LV
CMOS
Y4B
Y4A
LV
CMOS
LV
PECL
SPILOGIC
Manual&
Automatic
CLKSelect
Current
Reference
Reference
Clock
SelectedREFSignal
Progr.Divider
N 2
12
P Divider
÷3
÷4
÷6
/8
÷8
÷16
÷1
÷2
÷4
÷8
LOCK
Charge
Pump
PFD
HOLD
P16-Div
freq.Detect
>2Mhz
freq.Detect
>2Mhz
Progr.Delay
M
Progr.Divider
M2
10
Feedback
Clock
CDCM7005
www.ti.com
SCAS793E – JUNE 2005 – REVISED FEBRUARY 2013
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :CDCM7005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com