Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM7005 Datasheet(PDF) 22 Page - Texas Instruments

Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 22 Page - Texas Instruments

Back Button CDCM7005_13 Datasheet HTML 18Page - Texas Instruments CDCM7005_13 Datasheet HTML 19Page - Texas Instruments CDCM7005_13 Datasheet HTML 20Page - Texas Instruments CDCM7005_13 Datasheet HTML 21Page - Texas Instruments CDCM7005_13 Datasheet HTML 22Page - Texas Instruments CDCM7005_13 Datasheet HTML 23Page - Texas Instruments CDCM7005_13 Datasheet HTML 24Page - Texas Instruments CDCM7005_13 Datasheet HTML 25Page - Texas Instruments CDCM7005_13 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
CDCM7005
SCAS793E – JUNE 2005 – REVISED FEBRUARY 2013
www.ti.com
FUNCTIONAL DESCRIPTION OF THE LOGIC
Reference Divider M (Word 0)(4)
M9
M8
M7
M6
M5
M4
M3
M2
M1
M0
Div by
Default
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
1
2
0
0
0
0
0
0
0
0
1
0
3
0
0
0
0
0
0
0
0
1
1
4
0
0
0
1
1
1
1
1
1
1
128
Yes
1
1
1
1
1
1
1
1
0
1
1022
1
1
1
1
1
1
1
1
1
0
1023
1
1
1
1
1
1
1
1
1
1
1024
(4)
If the divider value is Q, then the code will be the binary value of (Q–1).
VC(X)O Feedback Divider N (Word 0)(1) (2)
N11
N10
N0
N8
N7
N6
N5
N4
N3
N2
N1
N0
Div by
Default
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
1
2
0
0
0
0
0
0
0
0
0
0
1
0
3
0
0
0
0
0
0
0
0
0
0
1
1
4
0
0
0
0
0
1
1
1
1
1
1
1
128
Yes
1
1
1
1
1
1
1
1
1
1
0
1
4094
1
1
1
1
1
1
1
1
1
1
1
0
4095
1
1
1
1
1
1
1
1
1
1
1
1
4096
(1)
If the divider value is Q, then the code will be the binary value of (Q–1).
(2)
The frequency applied to the Divider N must be smaller than 300 MHz. A sufficient P Divider must be selected with the FB_MUX to
maintain this criteria.
22
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links :CDCM7005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com