Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM7005 Datasheet(PDF) 36 Page - Texas Instruments

Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 36 Page - Texas Instruments

Back Button CDCM7005_13 Datasheet HTML 32Page - Texas Instruments CDCM7005_13 Datasheet HTML 33Page - Texas Instruments CDCM7005_13 Datasheet HTML 34Page - Texas Instruments CDCM7005_13 Datasheet HTML 35Page - Texas Instruments CDCM7005_13 Datasheet HTML 36Page - Texas Instruments CDCM7005_13 Datasheet HTML 37Page - Texas Instruments CDCM7005_13 Datasheet HTML 38Page - Texas Instruments CDCM7005_13 Datasheet HTML 39Page - Texas Instruments CDCM7005_13 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
CDCM7005
SCAS793E – JUNE 2005 – REVISED FEBRUARY 2013
www.ti.com
Changes from Revision C (December 2007) to Revision D
Page
•
Changed VCC pin text From: 3.3-V supply. There is no internal connection between VCC and AVCC. It is
recommended that AVCC use its own supply filter. To: 3.3-V supply. VCC and AVCC should always have the same
supply voltage. It is recommended that AVCC use its own supply filter. ............................................................................... 4
•
Added text to the CTRL_LE pin - Unused or floating inputs must be tied to proper logic level. A 20k
Ω or larger
pull
−up resistor to VCC is recommended. ............................................................................................................................ 4
•
Added text to the CTRL_CLK pin - Unused or floating inputs must be tied to proper logic level. A 20k
Ω or larger
pull
−up resistor to VCC is recommended. ............................................................................................................................ 4
•
Added text to the CTRL_DATA pin - Unused or floating inputs must be tied to proper logic level. A 20k
Ω or larger
pull
−up resistor to VCC is recommended. ............................................................................................................................ 4
•
Added text to the PD pin - It is recommended to ramp up the PD with the same time as VCC and AVCC or later. The
ramp up rate of the PD should not be faster than the ramp up rate of VCC and AVCC. ........................................................ 4
•
Added text to the SPI CONTROL INTERFACE section - Unused or floating inputs must be tied to proper logic level.
A 20k
Ω or larger pull−up resistor to VCC is recommended. .............................................................................................. 17
•
Added text to the SPI CONTROL INTERFACE section - It is recommended to program Word 0, Word 1, Word 2
and Word 3 right after power up and PD becomes HIGH. ................................................................................................. 17
•
Changed From: RES To: GTME ......................................................................................................................................... 21
•
Changed From: RES To: PFDFC ....................................................................................................................................... 21
Changes from Revision D (August 2009) to Revision E
Page
•
Changed PLL_LOCK pin description, replaced cycle-slip text. ............................................................................................ 5
•
Changed Note 1 of table Word 3 ........................................................................................................................................ 21
•
Changed table Word 3, Cycle Slip (Bit 6) To: Frequency Offset ........................................................................................ 21
•
Changed table Lock-Detect Window (Word 3) - Clip slip To: Frequency offset, and Note 2 ............................................. 23
•
Changed the Frequency Hold-Over Mode section ............................................................................................................. 29
•
Changed text From: Cycle-Slip To: Frequency Offset in Figure 22 .................................................................................... 30
36
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links :CDCM7005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com