Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM7005 Datasheet(PDF) 23 Page - Texas Instruments

Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CDCM7005_13 Datasheet HTML 19Page - Texas Instruments CDCM7005_13 Datasheet HTML 20Page - Texas Instruments CDCM7005_13 Datasheet HTML 21Page - Texas Instruments CDCM7005_13 Datasheet HTML 22Page - Texas Instruments CDCM7005_13 Datasheet HTML 23Page - Texas Instruments CDCM7005_13 Datasheet HTML 24Page - Texas Instruments CDCM7005_13 Datasheet HTML 25Page - Texas Instruments CDCM7005_13 Datasheet HTML 26Page - Texas Instruments CDCM7005_13 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
CDCM7005
www.ti.com
SCAS793E – JUNE 2005 – REVISED FEBRUARY 2013
Output Mode Selection for LVCMOS and LVPECL Outputs: Y0A, Y0B, Y1A …Y4B (Word 1)(1)
OUTSELx
OUTxB1
OUTxB0
LVCMOS
OUTxA1
OUTxA0
LVCMOS
Default
[YxB]
[YxA]
LVCMOS
0
0
0
Active
0
0
Active
0
0
1
3-state
0
1
3-state
0
1
0
Inverting
1
0
Inverting
0
1
1
Low
1
1
Low
OUTSELx
OUTxB1
OUTxB0
OUTxA1
OUTxA0
LVCMOS
Default
[YxA]
LVPECL
1
x
x
x
0
Active
Yx
1
x
x
x
1
3-state
(1)
If the differential LVPECL output e.g. Y0A:Y0B is selected (bit 2 of word 1), then only bit 7 of word 1 defines the output mode for
Y0A:Y0B. The settings of bit 8, bit 9, and bit 10 of word 1 are therefore not relevant to the Y0A:Y0B. This applies for the other LVPECL
outputs as well.
Reference Delay M (PRI_REF or SEC_REF) and Feedback Delay N (VCXO) Phase Adjustment (Word 0)(1)
DLYM2 / DLYN2
DLYM1 / DLYN1
DLYM0 / DLYN0
Phase Offset
Default
0
0
0
0 ps
Yes
0
0
1
±160 ps
0
1
0
±320 ps
0
1
1
±480 ps
1
0
0
±830 ps
1
0
1
±1130 ps
1
1
0
±1450 ps
1
1
1
±1750 ps
(1)
If Progr. Delay M is set, all Yx outputs are lagging to the reference clock according to the value set. If Progr. If Delay N is set; all Yx
outputs are leading to the reference clock according to the value set. Above are typical values at VCC = 3.3 V, Temp = 25°C, PECL-
output relate to Div4 mode.
PFD Pulse Width Delay (Word 2)
PFD1(1)
PFD0(1)
PFD Pulse Width(1) (2)
Default(1)
0
0
1.5 ns
Yes
0
1
3 ns
1
0
4.5 ns
1
1
6 ns
(1)
The PFD pulse width delay gets around the dead zone of the PFD transfer function and reduces phase noise and reference spurs.
(2)
Typical values at V = 3.3 VCC, Temp = 25°C .
Lock-Detect Window (Word 3)
LOCKW1
LOCKW0
Phase-Offset at PFD Input(1)
Default
0
0
3.5 ns
0
1
8.5 ns
Yes
1
0
18.5 ns
1
1
Frequency offset(2)
(1)
Typical Values at VCC = 3.3 V, Temp = 25°C.
(2)
The PLL is out-of-lock (PLL_LOCK set low) if a certain frequency offset between reference frequency and feedback frequency (VCXO)
at PFD input is detected. The minimum detectable frequency offset depends on the device setting and can be calculated:
(a) foffsetPDF = fPFD - 1/(1/fPFD + PWD)
(b) foffsetPFD = detectable frequency offset at PFD between the reference frequency (fREF) and feedback frequency (fFB)
(c) fPFD = frequency at phase-frequency detection circuitry
(d) PWD = PFD Pulse Width Delay
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links :CDCM7005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com