Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM7005 Datasheet(PDF) 32 Page - Texas Instruments

Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CDCM7005_13 Datasheet HTML 28Page - Texas Instruments CDCM7005_13 Datasheet HTML 29Page - Texas Instruments CDCM7005_13 Datasheet HTML 30Page - Texas Instruments CDCM7005_13 Datasheet HTML 31Page - Texas Instruments CDCM7005_13 Datasheet HTML 32Page - Texas Instruments CDCM7005_13 Datasheet HTML 33Page - Texas Instruments CDCM7005_13 Datasheet HTML 34Page - Texas Instruments CDCM7005_13 Datasheet HTML 35Page - Texas Instruments CDCM7005_13 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
S0082-01
VCXO
Low-PassFilter
CDCM7005
245.76MHz
Gain=21.3kHz/V
PECL_OUT_B
PRI_REF
VCXO_IN
YnA
YnB
VCXO_IN
CTRL_DATA
CTRL_LE
CTRL_CLK
V_CTRL
CP_OUT
PLL_LOCK
STATUS_REF
STATUS_VCXO
PECL_OUT
SPI
V
OC
V
OC
R
130W
R
82W
R
150W
R
50W
R
82W
R
150W
R
50W
R2
160W
R
130W
R1
4.7kW
C2
100nF
C1
22 F
m
10nF
10nF
C3
100nF
Measurement
Equipment
PhaseNoiseReferenceCircuit(SeetheEVM)
CDCM7005
SCAS793E – JUNE 2005 – REVISED FEBRUARY 2013
www.ti.com
APPLICATION INFORMATION
Phase Noise Reference Circuit
Figure 24. Typical Applications Diagram With Passive Loop Filter
32
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links :CDCM7005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com