Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM7005 Datasheet(PDF) 27 Page - Texas Instruments

Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 27 Page - Texas Instruments

Back Button CDCM7005_13 Datasheet HTML 23Page - Texas Instruments CDCM7005_13 Datasheet HTML 24Page - Texas Instruments CDCM7005_13 Datasheet HTML 25Page - Texas Instruments CDCM7005_13 Datasheet HTML 26Page - Texas Instruments CDCM7005_13 Datasheet HTML 27Page - Texas Instruments CDCM7005_13 Datasheet HTML 28Page - Texas Instruments CDCM7005_13 Datasheet HTML 29Page - Texas Instruments CDCM7005_13 Datasheet HTML 30Page - Texas Instruments CDCM7005_13 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
S0081-01
Power_Down
Lock_Out
Lock_In
100 A
(Lock)
m
100 A
(Out-of-Lock)
m
80kW
5pF
C
PLL_LOCK
Output
t
V
=0.55V
high
CC
V
CC
V
=0.35V
low
CC
V
Out
V
=1/C
I
t
Out
´ ´
Example:
forI=110 A,C=10nF,V
=3.3V,
andV
=V
=0.55
Vcc=1.8V
t=164 s
m
´
³
m
CC
high
out
S0080-01
Power_Down
Lock_Out
Lock_In
80kW
5pF
PLL_LOCK
Output
Lock
t
DigitalLockDetection
V
=0.55V
high
CC
V
=0.35V
low
CC
Out-of-Lock
V
Out
CDCM7005
www.ti.com
SCAS793E – JUNE 2005 – REVISED FEBRUARY 2013
Digital vs Analog Lock
Figure 18 and Figure 19 show the circuit for the digital and analog lock. The analog lock operates with an
external load capacitor.
When selecting the digital PLL lock option, PLL_LOCK will possibly jitter several times between lock and out of
lock until a stable lock is detected. A single low-to-high step can be reached with a wide lock detect window and
high number of successive clock cycles. PLL_LOCK returns to out of lock if just one cycle is outside the lock
detect window or a frequency offset occurs.
Figure 18. Digital Lock-Detect
When selecting the analog PLL Lock option, the high-pulses load the external capacitor via the internal 110-µA
current source until logic high-level is reached. Therefore, more time is needed to detect logic high level, but
jittering of PLL_LOCK will be suppressed in case of digital lock. The time PLL_LOCK needs to return to out of
lock depends on the level of VOut, when the current source starts to unload the external capacitor.
Figure 19. Analog Lock-Detect
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links :CDCM7005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com