Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM7005 Datasheet(PDF) 7 Page - Texas Instruments

Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCM7005_13 Datasheet HTML 3Page - Texas Instruments CDCM7005_13 Datasheet HTML 4Page - Texas Instruments CDCM7005_13 Datasheet HTML 5Page - Texas Instruments CDCM7005_13 Datasheet HTML 6Page - Texas Instruments CDCM7005_13 Datasheet HTML 7Page - Texas Instruments CDCM7005_13 Datasheet HTML 8Page - Texas Instruments CDCM7005_13 Datasheet HTML 9Page - Texas Instruments CDCM7005_13 Datasheet HTML 10Page - Texas Instruments CDCM7005_13 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
CDCM7005
www.ti.com
SCAS793E – JUNE 2005 – REVISED FEBRUARY 2013
TIMING REQUIREMENTS
over recommended ranges of supply voltage, load and operating free air temperature
PARAMETER
MIN
TYP
MAX
UNIT
PRI_REF/SEC_REF_IN REQUIREMENTS
fREF_IN
LVCMOS primary or secondary reference clock frequency(1) (2)
0
200
MHz
tr/ tf
Rise and fall time of PRI_REF or SEC_REF signals from 20% to 80% of VCC
4
ns
dutyREF
Duty cycle of PRI_REF or SEC_REF at VCC/2
40%
60%
VCXO_IN, VCXO_IN REQUIREMENTS
fVCXO_IN
VCXO clock frequency(3)
0
2200
MHz
tr/ tf
Rise and fall time 20% to 80% of VINPP at 80 MHz to 800 MHz(4)
3
ns
dutyVCXO
Duty cycle of VCXO clock
40%
60%
SPI/CONTROL REQUIREMENTS (see Figure 14)
fCTRL_CLK
CTRL_CLK frequency
20
MHz
tsu1
CTRL_DATA to CTRL_CLK setup time
10
ns
th2
CTRL_DATA to CTRL_CLK hold time
10
ns
t3
CTRL_CLK high duration
25
ns
t4
CTRL_CLK low duration
25
ns
tsu5
CTRL_LE to CTRL_CLK setup time
10
ns
tsu6
CTRL_CLK to CTRL_LE setup time
10
ns
t7
CTRL_LE pulse width
20
ns
tr/ tf
Rise and fall time of CTRL_DATA CTRL_CLK, CTRL_LE from 20% to 80% of VCC
4
ns
PD, RESET, HOLD, REF_SEL REQUIREMENTS
tr / tf
Rise and fall time of the PD, RESET, HOLD, REF_SEL signal from 20% to 80% of VCC
4
ns
(1)
At Reference Clock less than 2 MHz, the device stays in normal operation mode but the frequency detection circuitry resets the
STATUS_REF signal to low. In this case, the status of the STATUS_REF is no longer relevant.
(2)
fREF_IN can be up to 250 MHz in typical operating mode (25°C / 3.3-V VCC).
(3)
If the Feedback Clock (derives from VCXO input) is less than 2 MHz, the device stays in normal operation mode but the frequency
detection circuitry resets the STATUS_VCXO signal and PLL_LOCK signal to low. Both status signals are no longer relevant. This
effects the HOLD-over function as well, as the PLL_LOCK signal is no longer valid!
(4)
Use a square wave for lower frequencies (< 80 MHz).
DEVICE CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVERALL
fVCXO = 245.76 MHz,
fREF_IN = 30.72 MHz,
ICC_LVPECL
PFD = 240 kHz, ICP = 2 mA, all outputs
210
260
mA
are LVPECL and Div-by-8 (load, see
Supply current (ICC over frequency see
Figure 13)
Figure 1 through Figure 4)
fVCXO = 245.76 MHz,
fREF_IN = 30.72 MHz,
ICC_LVCMOS
120
150
mA
PFD = 240 kHz, ICP = 2 mA, All outputs
are LVCMOS and Div-by-8 (load, 10 pF)
fIN = 0 MHz, VCC = 3.6 V, AVCC = 3.6 V,
ICCPD
Power-down current
VCC_CP = 3.6 V,
100
300
µA
VI = 0 V or VCC
VO = 0 V or VCC – 0.8 V
±40
µA
High-impedance state output current
IOZ
for Yx outputs
VO = 0 V or VCC
±100
µA
Voltage on I_REF_CP (external current
12 k
Ω to GND at pin D8 (BGA), pin 22
VI_REF_CP
1.21
V
path for accurate charge pump current)
(QFN)
VBB
Output reference voltage
VCC = 3 V – 3.6 V; IBB = –0.2 mA
VCC–1.3
V
CO
Output capacitance for Yx
VCC = 3.3 V, VO = 0 V or VCC
2
pF
Input capacitance at PRI_REF and
VI = 0 V or VCC, VI = 0 V or VCC
2.7
SEC_REF
CI
pF
Input capacitance at CTRL_LE,
VI = 0 V or VCC
2
CTRL_CLOCK, CTRL_DATA
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links :CDCM7005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com