Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCM7005 Datasheet(PDF) 25 Page - Texas Instruments

Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 25 Page - Texas Instruments

Back Button CDCM7005_13 Datasheet HTML 21Page - Texas Instruments CDCM7005_13 Datasheet HTML 22Page - Texas Instruments CDCM7005_13 Datasheet HTML 23Page - Texas Instruments CDCM7005_13 Datasheet HTML 24Page - Texas Instruments CDCM7005_13 Datasheet HTML 25Page - Texas Instruments CDCM7005_13 Datasheet HTML 26Page - Texas Instruments CDCM7005_13 Datasheet HTML 27Page - Texas Instruments CDCM7005_13 Datasheet HTML 28Page - Texas Instruments CDCM7005_13 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
T0062-01
PRI_REF
SEC_REF
STATUS_REF
PRI_SEC_CLK
1
2
1
2
3
4
Internal
ReferenceClock
PrimaryClock
SecondaryClock
PrimaryClock
CDCM7005
www.ti.com
SCAS793E – JUNE 2005 – REVISED FEBRUARY 2013
YxMUX2
YxMUX1
YxMUX0
Selected Divided V(C)XO Signal for the
Default
Yx Outputs
0
1
1
Div by 4
1
0
0
Div by 6
1
0
1
Div by 8
all Yx
1
1
0
Div by 16(1)
1
1
1
Div by 8
(1)
This divider setting depends on the selected P-divider mode for the “Div-by-16” divider. In the default mode (after power up), Div-by-16
is selected. But if bit 30 or bit 31 of word 1 is set to [1], then the Div-by-4 and 90 degree phase shift or Div-by-8 and 90 degree phase
shift is selected.
FEATURE DESCRIPTION
Automatic/Manual Reference Clock Switching
The CDCM7005 supports two reference clock inputs, the primary clock input, PRI_REF, and the secondary clock
input, SEC_REF. The clocks can be selected manually or automatically. The respective mode is selected by the
dedicated SPI register bit (Word 0, Bit 30).
In the manual mode, the external REF_SEL signal selects one of the two input clocks:
REF_SEL [1] -> primary clock is selected
REF_SEL [0] -> secondary clock is selected
In the automatic mode, the primary clock is selected by default even if both clocks are available. In case the
primary clock is not available or fails, then the input switches to the secondary clock as long until the primary
clock is back. Figure 15 shows the automatic clock selection.
NOTE: PRI_REF is the preferred clock input.
Figure 15. Behavior of STATUS_REF and PRI_SEC_CLK
In the automatic mode, the frequencies of both clock signals have to be similar, but may differ by up to 20%. The
phase of the clock signal can be any.
The clock input circuitry is design to suppress glitches during switching between the primary and secondary clock
in the manual and automatic mode. This avoids an undefined switching of the following circuitries.
The phase of the output clock slowly follows the new input phase. There will be no phase-jump at the output.
How quick the phase adjustment is done depends on the selected loop parameter, i.e., at a loop bandwidth of
<100 Hz; the phase adjustment can take several ms. There is no phase build-out function supported (like in
SONET/SDH applications).
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links :CDCM7005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com