Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 98Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 99Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 100Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 101Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 102Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 103Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 104Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 105Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 408 page
background image
Clock Generator Module (CGMC)
Technical Data
MC68HC908GR8 — Rev 4.0
102
Clock Generator Module (CGMC)
MOTOROLA
7.4.1 Crystal Oscillator Circuit
The crystal oscillator circuit consists of an inverting amplifier and an
external crystal. The OSC1 pin is the input to the amplifier and the OSC2
pin is the output. The SIMOSCEN signal from the system integration
module (SIM) or the OSCSTOPENB bit in the CONFIG register enable
the crystal oscillator circuit.
The CGMXCLK signal is the output of the crystal oscillator circuit and
runs at a rate equal to the crystal frequency. CGMXCLK is then buffered
to produce CGMRCLK, the PLL reference clock.
CGMXCLK can be used by other modules which require precise timing
for operation. The duty cycle of CGMXCLK is not guaranteed to be 50%
and depends on external factors, including the crystal and related
external components. An externally generated clock also can feed the
OSC1 pin of the crystal oscillator circuit. Connect the external clock to
the OSC1 pin and let the OSC2 pin float.
7.4.2 Phase-Locked Loop Circuit (PLL)
The PLL is a frequency generator that can operate in either acquisition
mode or tracking mode, depending on the accuracy of the output
frequency. The PLL can change between acquisition and tracking
modes either automatically or manually.
7.4.3 PLL Circuits
The PLL consists of these circuits:
•
Voltage-controlled oscillator (VCO)
•
Reference divider
•
Frequency prescaler
•
Modulo VCO frequency divider
•
Phase detector
•
Loop filter
•
Lock detector
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com