Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 99Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 100Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 101Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 102Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 103Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 104Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 105Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 106Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 408 page
background image
Clock Generator Module (CGMC)
Functional Description
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Clock Generator Module (CGMC)
103
The operating range of the VCO is programmable for a wide range of
frequencies and for maximum immunity to external noise, including
supply and CGM/XFC noise. The VCO frequency is bound to a range
from roughly one-half to twice the center-of-range frequency, fVRS.
Modulating the voltage on the CGM/XFC pin changes the frequency
within this range. By design, fVRS is equal to the nominal center-of-range
frequency, fNOM, (38.4 kHz) times a linear factor, L, and a power-of-two
factor, E, or (L
× 2E)f
NOM.
CGMRCLK is the PLL reference clock, a buffered version of CGMXCLK.
CGMRCLK runs at a frequency, fRCLK, and is fed to the PLL through a
programmable modulo reference divider, which divides fRCLK by a
factor, R. The divider’s output is the final reference clock, CGMRDV,
running at a frequency, fRDV =fRCLK/R. With an external crystal
(30 kHz–100 kHz), always set R = 1 for specified performance. With an
external high-frequency clock source, use R to divide the external
frequency to between 30 kHz and 100 kHz.
The VCO’s output clock, CGMVCLK, running at a frequency, fVCLK, is
fed back through a programmable prescale divider and a programmable
modulo divider. The prescaler divides the VCO clock by a power-of-two
factor P and the modulo divider reduces the VCO clock by a factor, N.
The dividers’ output is the VCO feedback clock, CGMVDV, running at a
frequency, fVDV =fVCLK/(N × 2
P). (See Programming the PLL for more
information.)
The phase detector then compares the VCO feedback clock, CGMVDV,
with the final reference clock, CGMRDV. A correction pulse is generated
based on the phase difference between the two signals. The loop filter
then slightly alters the DC voltage on the external capacitor connected
to CGM/XFC based on the width and direction of the correction pulse.
The filter can make fast or slow corrections depending on its mode,
described in Acquisition and Tracking Modes. The value of the external
capacitor and the reference frequency determine the speed of the
corrections and the stability of the PLL.
The lock detector compares the frequencies of the VCO feedback clock,
CGMVDV, and the final reference clock, CGMRDV. Therefore, the
speed of the lock detector is directly proportional to the final reference
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com