Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 102Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 103Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 104Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 105Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 106Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 107Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 108Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 109Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 408 page
background image
Clock Generator Module (CGMC)
Technical Data
MC68HC908GR8 — Rev 4.0
106
Clock Generator Module (CGMC)
MOTOROLA
•
Software must wait a given time, tAL, after entering tracking mode
before selecting the PLL as the clock source to CGMOUT
(BCS = 1).
•
The LOCK bit is disabled.
•
CPU interrupts from the CGMC are disabled.
7.4.6 Programming the PLL
The following procedure shows how to program the PLL.
NOTE:
The round function in the following equations means that the real
number should be rounded to the nearest integer number.
1. Choose the desired bus frequency, fBUSDES.
2. Calculate the desired VCO frequency (four times the desired bus
frequency).
3. Choose a practical PLL (crystal) reference frequency, fRCLK, and
the reference clock divider, R. Typically, the reference crystal is
32.768 kHz and R = 1.
Frequency errors to the PLL are corrected at a rate of fRCLK/R. For
stability and lock time reduction, this rate must be as fast as
possible. The VCO frequency must be an integer multiple of this
rate. The relationship between the VCO frequency, fVCLK, and the
reference frequency, fRCLK, is
P, the power of two multiplier, and N, the range multiplier, are
integers.
In cases where desired bus frequency has some tolerance,
choose fRCLK to a value determined either by other module
requirements (such as modules which are clocked by CGMXCLK),
cost requirements, or ideally, as high as the specified range
f
VC LKD ES
4f
BUSDES
×
=
f
VCLK
2
P
N
R
----------- f
RCLK
()
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com