Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 130 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 130 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 126Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 127Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 128Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 129Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 130Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 131Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 132Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 133Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 134Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 408 page
background image
Configuration Register (CONFIG)
Technical Data
MC68HC908GR8 — Rev 4.0
130
Configuration Register (CONFIG)
MOTOROLA
NOTE:
To ensure correct operation of the MCU under all operating conditions,
the user must write data $1C to address $0033 immediately after reset.
This is to ensure proper termination of an unused module within the
MCU.
NOTE:
On a FLASH device, the options except LVI5OR3 are one-time writeable
by the user after each reset. The LVI5OR3 bit is one-time writeable by
the user only after each POR (power-on reset). The CONFIG registers
are not in the FLASH memory but are special registers containing one-
time writeable latches after each reset. Upon a reset, the CONFIG
registers default to predetermined settings as shown in Figure 8-1 and
Figure 8-2.
Address:
$001E
Bit 7
654321
Bit 0
Read:
000000
OSC-
STOPEN
B
SCIBD-
SRC
Write:
Reset:
00000000
= Unimplemented
Figure 8-1. Configuration Register 2 (CONFIG2)
Address:
$001F
Bit 7
654321
Bit 0
Read:
COPRS
LVISTOP LVIRSTD
LVIP-
WRD
LVI5OR3
SSREC
STOP
COPD
Write:
Reset:
0000
See Note
000
Note: LVI5OR3 bit is only reset via POR (power-on reset)
Figure 8-2. Configuration Register 1 (CONFIG1)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com