Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 132 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 132 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 128Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 129Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 130Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 131Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 132Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 133Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 134Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 135Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 136Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 408 page
background image
Configuration Register (CONFIG)
Technical Data
MC68HC908GR8 — Rev 4.0
132
Configuration Register (CONFIG)
MOTOROLA
LVI5OR3 — LVI 5V or 3V Operating Mode Bit
LVI5OR3 selects the voltage operating mode of the LVI module. See
Low-Voltage Inhibit (LVI). The voltage mode selected for the LVI
should match the operating VDD. See Electrical Specifications for the
LVI’s voltage trip points for each of the modes.
1 = LVI operates in 5V mode.
0 = LVI operates in 3V mode.
SSREC — Short Stop Recovery Bit
SSREC enables the CPU to exit stop mode with a delay of 32
CGMXCLK cycles instead of a 4096-CGMXCLK cycle delay.
1 = Stop mode recovery after 32 CGMXCLK cycles
0 = Stop mode recovery after 4096 CGMXCLKC cycles
NOTE:
Exiting stop mode by pulling reset will result in the long stop recovery.
If using an external crystal oscillator, do not set the SSREC bit.
NOTE:
When the LVISTOP is enabled, the system stabilization time for power
on reset and long stop recovery (both 4096 CGMXCLK cycles) gives a
delay longer than the enable time for the LVI. There is no period where
the MCU is not protected from a low power condition. However, when
using the short stop recovery configuration option, the 32-CGMXCLK
delay is less than the LVI’s turn-on time and there exists a period in
startup where the LVI is not protecting the MCU.
STOP — STOP Instruction Enable Bit
STOP enables the STOP instruction.
1 = STOP instruction enabled
0 = STOP instruction treated as illegal opcode
COPD — COP Disable Bit
COPD disables the COP module. See Computer Operating Properly
(COP).
1 = COP module disabled
0 = COP module enabled
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com