Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 134 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 130Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 131Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 132Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 133Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 134Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 135Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 136Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 137Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 408 page
background image
Computer Operating Properly (COP)
Technical Data
MC68HC908GR8 — Rev 4.0
134
Computer Operating Properly (COP)
MOTOROLA
Figure 9-1. COP Block Diagram
The COP counter is a free-running 6-bit counter preceded by a 12-bit
prescaler counter. If not cleared by software, the COP counter overflows
and generates an asynchronous reset after 218 – 24 or 213 – 24
CGMXCLK cycles, depending on the state of the COP rate select bit,
COPRS, in the configuration register. With a 213 – 24 CGMXCLK cycle
overflow option, a 32.768-kHz crystal gives a COP timeout period of
250 ms. Writing any value to location $FFFF before an overflow occurs
prevents a COP reset by clearing the COP counter and stages 12
through 5 of the prescaler.
NOTE:
Service the COP immediately after reset and before entering or after
exiting stop mode to guarantee the maximum time before the first COP
counter overflow.
A COP reset pulls the RST pin low for 32 CGMXCLK cycles and sets the
COP bit in the reset status register (RSR).
COPCTL WRITE
CGMXCLK
RESET VECTOR FETCH
RESET CIRCUIT
RESET STATUS REGISTER
INTERNAL RESET SOURCES
12-BIT COP PRESCALER
6-BIT COP COUNTER
COP DISABLE
RESET
COPCTL WRITE
CLEAR
COP MODULE
COPEN (FROM SIM)
COP COUNTER
COP CLOCK
STOP INSTRUCTION
(FROM CONFIG)
COP RATE SEL
(FROM CONFIG)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com