Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372RC Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32F372RC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372RC Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32F372RC Datasheet HTML 51Page - STMicroelectronics STM32F372RC Datasheet HTML 52Page - STMicroelectronics STM32F372RC Datasheet HTML 53Page - STMicroelectronics STM32F372RC Datasheet HTML 54Page - STMicroelectronics STM32F372RC Datasheet HTML 55Page - STMicroelectronics STM32F372RC Datasheet HTML 56Page - STMicroelectronics STM32F372RC Datasheet HTML 57Page - STMicroelectronics STM32F372RC Datasheet HTML 58Page - STMicroelectronics STM32F372RC Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 128 page
background image
STM32F37x
Electrical characteristics
Doc ID 022691 Rev 3
55/128
6.3
Operating conditions
6.3.1
General operating conditions
Table 22.
General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
0
72
MHz
fPCLK1
Internal APB1 clock frequency
0
36
fPCLK2
Internal APB2 clock frequency
0
72
VDD
Standard operating voltage
Must have a potential equal
to or lower than VDDA
23.6
V
VDDA
(1)
Analog operating voltage
(ADC and DAC used)
Must have a potential equal
to or higher than VDD
2.4
3.6
V
Analog operating voltage
(ADC and DAC not used)
23.6
VDDSD12
VDDSD12 operating voltage
(SDADC used)
Must have a potential equal
to or lower than VDDA
2.2
3.6
V
VDDSD12 operating voltage
(SDADC not used)
2.0
3.6
VDDSD3
VDDSD3 operating voltage
(SDADC used)
Must have a potential equal
to or lower than VDDA
2.2
3.6
V
VDDSD3 operating voltage
(SDADC not used)
2.0
3.6
VBAT
Backup operating voltage
1.65
3.6
V
VIN
Input voltage on FT and FTf
pins(2)
- 0.3
5.5
V
Input voltage on TTa pins
- 0.3
VDDA +
0.3
Input voltage on TC pins on
SDADCx channels inputs(3)
- 0.3
VDDSDx
+ 0.3
Input voltage on BOOT0 pin
0
5.5
Input voltage on any other pin
- 0.3
VDD +
0.3
P
D
Power dissipation at TA = 85 °C
for suffix 6 or TA = 105 °C for
suffix 7(4)
LQFP100
434
mW
LQFP64
444
LQFP48
364
BGA100
338
TA
Ambient temperature for 6 suffix
version
Maximum power dissipation
–40
85
°C
Low power dissipation(5)
–40
105
Ambient temperature for 7 suffix
version
Maximum power dissipation
–40
105
°C
Low power dissipation(5)
–40
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com