Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372RC Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM32F372RC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372RC Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32F372RC Datasheet HTML 47Page - STMicroelectronics STM32F372RC Datasheet HTML 48Page - STMicroelectronics STM32F372RC Datasheet HTML 49Page - STMicroelectronics STM32F372RC Datasheet HTML 50Page - STMicroelectronics STM32F372RC Datasheet HTML 51Page - STMicroelectronics STM32F372RC Datasheet HTML 52Page - STMicroelectronics STM32F372RC Datasheet HTML 53Page - STMicroelectronics STM32F372RC Datasheet HTML 54Page - STMicroelectronics STM32F372RC Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 128 page
background image
STM32F37x
Electrical characteristics
Doc ID 022691 Rev 3
51/128
6.1.6
Power supply scheme
Figure 9.
Power supply scheme
1.
Dotted lines represent the internal connections on low pin count packages, joining the dedicated supply
pins.
MS19232V3
Analog:
RCs, PLL, COMP,
...
Po wer swi tch
VBAT
GP I/O s
OUT
IN
Kernel logic
(CPU,
Digital
& Memories)
Backup circuitry
(LSE,RTC,
Backup registers)
Wakeup logic
2 × 100 nF
+ 1 × 4.7 μF
1.65 - 3.6 V
Regulator
VDDA
VSSA
ADC/
DAC
IO
Logic
VDD
10 nF
+ 1 μF
VDDA
VREF+
VREF-
VDD
VSS
3 ×
2 ×
Sigma
Delta
ADCs
10 nF
+ 1 μF
VDDSD12
VDDSD12
VDDSD3
VDDSD3
VSSSD
10 nF
+ 1 μF
VREFSD+
VREFSD-
10 nF
+ 1 μF
VREFSD+
GP I/O s
OUT
IN
IO
Logic
GP I/O s
OUT
IN
IO
Logic
10 nF
+ 1 μF
VREF
REF+
V
1.8 V
@VDD
@VDDSD3
@VDDSD12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com