Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372RC Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32F372RC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372RC Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32F372RC Datasheet HTML 55Page - STMicroelectronics STM32F372RC Datasheet HTML 56Page - STMicroelectronics STM32F372RC Datasheet HTML 57Page - STMicroelectronics STM32F372RC Datasheet HTML 58Page - STMicroelectronics STM32F372RC Datasheet HTML 59Page - STMicroelectronics STM32F372RC Datasheet HTML 60Page - STMicroelectronics STM32F372RC Datasheet HTML 61Page - STMicroelectronics STM32F372RC Datasheet HTML 62Page - STMicroelectronics STM32F372RC Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 128 page
background image
STM32F37x
Electrical characteristics
Doc ID 022691 Rev 3
59/128
6.3.5
Supply current characteristics
The current consumption is a function of several parameters and factors such as the
operating voltage, ambient temperature, I/O pin loading, device software configuration,
operating frequencies, I/O pin switching rate, program location in memory and executed
binary code.
The current consumption is measured as described in Figure 10: Current consumption
measurement scheme.
All Run-mode current consumption measurements given in this section are performed with a
reduced code that gives a consumption equivalent to CoreMark code.
Typical and maximum current consumption
The MCU is placed under the following conditions:
All I/O pins are in input mode with a static value at VDD or VSS (no load)
All peripherals are disabled except when explicitly mentioned
The Flash memory access time is adjusted to the fHCLK frequency (0 wait state from 0
to 24 MHz, 1 wait state from 24 to 48 MHz and 2 wait states from 48 MHz to 72 MHz)
Prefetch in ON (reminder: this bit must be set before clock setting and bus prescaling)
When the peripherals are enabled fAPB1 = fAHB/2 , fAPB2 = fAHB
When fHCLK > 8 MHz PLL is ON and PLL inputs is equal to HSI/2 = 4 MHz (if internal
clock is used) or HSE = 8 MHz (if HSE bypass mode is used)
The parameters given in Table 28 to Table 34 are derived from tests performed under
ambient temperature and supply voltage conditions summarized in Table 22.
Table 28.
Typical and maximum current consumption from VDD supply at VDD = 3.6 V
Symbol Parameter Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA
(1)
Typ
Max @ TA
(1)
25 °C
85 °C
105 °C
25 °C
85 °C 105 °C
IDD
Supply
current in
Run mode,
code
executing
from Flash
HSE
bypass,
PLL on
72 MHz 63.1
70.7
71.5
73.4
29.2
31.1
31.7
34.2
mA
64 MHz 56.3
63.3
64.1
64.9
26.1
27.8
28.4
30.4
48 MHz 42.5
48.5
48.0
50.1
19.9
22.6
21.9
23.1
32 MHz 28.8
31.4
32.2
34.3
13.1
16.1
14.9
16.2
24 MHz 21.9
24.4
24.4
25.8
10.1
10.9
11.9
12.4
HSE
bypass,
PLL off
8 MHz
7.3
8.0
9.3
9.3
3.7
4.1
4.4
5.0
1 MHz
1.1
1.5
1.8
2.3
0.8
1.1
1.4
1.9
HSI clock,
PLL on
64 MHz 51.7
57.7
58.0
60.4
25.8
27.6
28.1
30.1
48 MHz 38.6
45.9
43.5
46.9
19.8
21.9
21.7
22.8
32 MHz 26.4
31.1
29.7
31.9
13.1
15.7
14.8
16.2
24 MHz 20.3
22.6
22.6
23.7
6.9
7.5
8.1
8.8
HSI clock,
PLL off
8 MHz
7.0
7.6
8.8
8.8
3.7
4.1
4.4
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com