Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372RC Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32F372RC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372RC Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32F372RC Datasheet HTML 34Page - STMicroelectronics STM32F372RC Datasheet HTML 35Page - STMicroelectronics STM32F372RC Datasheet HTML 36Page - STMicroelectronics STM32F372RC Datasheet HTML 37Page - STMicroelectronics STM32F372RC Datasheet HTML 38Page - STMicroelectronics STM32F372RC Datasheet HTML 39Page - STMicroelectronics STM32F372RC Datasheet HTML 40Page - STMicroelectronics STM32F372RC Datasheet HTML 41Page - STMicroelectronics STM32F372RC Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 128 page
background image
Pinouts and pin description
STM32F37x
38/128
Doc ID 022691 Rev 3
90
A7
56 40
PB4
I/O
FT
SPI1_MISO/I2S1_MCK,
SPI3_MISO/I2S3_MCK,
USART2_RX, TIM16_CH1,
TIM3_CH1, TIM17_BKIN,
TIM15_CH1N, TSC_G5_IO2,
JNTRST
91
C5
57 41
PB5
I/O
FT
SPI1_MOSI/I2S1_SD,
SPI3_MOSI/I2S3_SD,
I2C1_SMBAl, USART2_CK,
TIM16_BKIN, TIM3_CH2,
TIM17_CH1, TIM19_ETR
92
B5
58 42
PB6
I/O
FTf
I2C1_SCL, USART1_TX,
TIM16_CH1N, TIM3_CH3,
TIM4_CH1, TIM19_CH1,
TIM15_CH1, TSC_G5_IO3
93
B4
59 43
PB7
I/O
FTf
I2C1_SDA, USART1_RX,
TIM17_CH1N, TIM3_CH4,
TIM4_CH2, TIM19_CH2,
TIM15_CH2, TSC_G5_IO4
94
A4
60 44
BOOT0
I
B
Boot memory selection
95
A3
61 45
PB8
I/O
FTf
SPI2_SCK/I2S2_CK,
I2C1_SCL, USART3_TX,
CAN_RX, CEC, TIM16_CH1,
TIM4_CH3, TIM19_CH3,
COMP1_OUT, TSC_SYNC
96
B3
62 46
PB9
I/O
FTf
SPI2_NSS/I2S2_WS,
I2C1_SDA, USART3_RX,
CAN_TX, IR_OUT,
TIM17_CH1, TIM4_CH4,
TIM19_CH4, COMP2_OUT
97
C3
PE0
I/O
FT
(1)
USART1_TX, TIM4_ETR
98
A2
PE1
I/O
FT
(1)
USART1_RX
99
D3
63 47
VSS_1
S
Ground
100
C4
64 48
VDD_1
S
Digital power supply
1.
When using the small packages (48 and 64 pin packages), the GPIO pins which are not present on these packages, must
not be configured in analog mode.
2.
these pins are powered by VDDSD12.
3.
these pins are powered by VDDSD3.
Table 11.
STM32F37x pin definitions (continued)
Pin numbers
Pin name
(function
after reset)
Pin
type
Pin functions
Alternate function
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com