Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372RC Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM32F372RC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372RC Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM32F372RC Datasheet HTML 90Page - STMicroelectronics STM32F372RC Datasheet HTML 91Page - STMicroelectronics STM32F372RC Datasheet HTML 92Page - STMicroelectronics STM32F372RC Datasheet HTML 93Page - STMicroelectronics STM32F372RC Datasheet HTML 94Page - STMicroelectronics STM32F372RC Datasheet HTML 95Page - STMicroelectronics STM32F372RC Datasheet HTML 96Page - STMicroelectronics STM32F372RC Datasheet HTML 97Page - STMicroelectronics STM32F372RC Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 128 page
background image
Electrical characteristics
STM32F37x
94/128
Doc ID 022691 Rev 3
Table 59.
I2S characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
DuCy(SCK)(1)
I2S slave input clock duty
cycle
Slave mode
30
70
%
fCK
(1)
1/tc(CK)
I2S clock frequency
Master mode (data: 16 bits, Audio
frequency = 48 kHz)
1.528
1.539
MHz
Slave mode
0
12.288
tr(CK)
(1)
tf(CK)
I2S clock rise and fall time
Capacitive load CL =30pF
8
ns
tv(WS)
(1)
WS valid time
Master mode
4
th(WS)
(1)
WS hold time
Master mode
4
tsu(WS)
(1)
WS setup time
Slave mode
2
th(WS)
(1)
WS hold time
Slave mode
tw(CKH)
(1)
I2S clock high time
Master fPCLK= 16 MHz, audio
frequency = 48 kHz
306
tw(CKL)
(1)
I2S clock low time
312
tsu(SD_MR)
(1)
Data input setup time
Master receiver
6
tsu(SD_SR)
(1)
Slave receiver
3
th(SD_MR)
(1)
Data input hold time
Master receiver
1.5
th(SD_SR)
(1)
Slave receiver
1.5
tv(SD_ST)
(1)
Data output valid time
Slave transmitter
(after enable edge)
16
th(SD_ST)
(1)
Data output hold time
Slave transmitter
(after enable edge)
16
tv(SD_MT)
(1)
Data output valid time
Master transmitter
(after enable edge)
2
th(SD_MT)
(1)
Data output hold time
Master transmitter
(after enable edge)
0
1.
Data based on design simulation, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com