Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372RC Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32F372RC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372RC Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32F372RC Datasheet HTML 60Page - STMicroelectronics STM32F372RC Datasheet HTML 61Page - STMicroelectronics STM32F372RC Datasheet HTML 62Page - STMicroelectronics STM32F372RC Datasheet HTML 63Page - STMicroelectronics STM32F372RC Datasheet HTML 64Page - STMicroelectronics STM32F372RC Datasheet HTML 65Page - STMicroelectronics STM32F372RC Datasheet HTML 66Page - STMicroelectronics STM32F372RC Datasheet HTML 67Page - STMicroelectronics STM32F372RC Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 128 page
background image
Electrical characteristics
STM32F37x
64/128
Doc ID 022691 Rev 3
Table 33.
Typical current consumption in Run mode, code with data processing running from
Flash
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
Peripherals
enabled
Peripherals
disabled
IDD
Supply current in
Run mode from
VDD supply
Running from HSE
crystal clock 8 MHz,
code executing from
Flash, PLL on
72 MHz
61.4
28.8
mA
64 MHz
55.4
25.9
48 MHz
42.3
20.0
32 MHz
28.7
13.8
24 MHz
21.9
10.7
16 MHz
14.8
7.4
Running from HSE
crystal clock 8 MHz,
code executing from
Flash, PLL off
8 MHz
7.8
4.1
4 MHz
4.6
2.6
2 MHz
2.9
1.8
1 MHz
2.0
1.3
500 kHz
1.5
1.1
125 kHz
1.2
1.0
IDDA
(1)(2)
Supply current in
Run mode from
VDDA supply
Running from HSE
crystal clock 8 MHz,
code executing from
Flash, PLL on
72 MHz
243.3
242.4
µA
64 MHz
214.3
213.3
48 MHz
159.3
158.3
32 MHz
107.7
107.3
24 MHz
82.8
82.6
16 MHz
58.4
58.2
Running from HSE
crystal clock 8 MHz,
code executing from
Flash, PLL off
8 MHz
1.2
1.2
4 MHz
1.2
1.2
2 MHz
1.2
1.2
1 MHz
1.2
1.2
500 kHz
1.2
1.2
125 kHz
1.2
1.2
ISDADC12 +
ISDADC3
Supply currents in
Run mode from
VDDSD12 and
VDDSD3 (SDADCs
are off)
-2.5
1
1.
VDDA monitoring is off, VDDSD12 monitoring is off.
2.
When peripherals are enabled, power consumption of the analog part of peripherals such as ADC, DACs, Comparators,
etc. is not included. Refer to those peripherals characteristics in the subsequent sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com