Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372RC Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32F372RC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372RC Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32F372RC Datasheet HTML 57Page - STMicroelectronics STM32F372RC Datasheet HTML 58Page - STMicroelectronics STM32F372RC Datasheet HTML 59Page - STMicroelectronics STM32F372RC Datasheet HTML 60Page - STMicroelectronics STM32F372RC Datasheet HTML 61Page - STMicroelectronics STM32F372RC Datasheet HTML 62Page - STMicroelectronics STM32F372RC Datasheet HTML 63Page - STMicroelectronics STM32F372RC Datasheet HTML 64Page - STMicroelectronics STM32F372RC Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 128 page
background image
STM32F37x
Electrical characteristics
Doc ID 022691 Rev 3
61/128
Note:
VDDA monitoring is OFF and VDDSD12 monitoring is OFF
Table 29.
Typical and maximum current consumption from VDDA supply
Symbol Parameter
Conditions
(1)
fHCLK
VDDA= 2.4 V
VDDA= 3.6 V
Unit
Typ
Max @ TA
(2)
Typ
Max @ TA
(2)
25 °C
85 °C
105 °C
25 °C
85 °C
105 °C
IDDA
Supply
current in
Run or
Sleep
mode,
code
executing
from Flash
or RAM
HSE
bypass,
PLL on
72 MHz 228
261
274
280
249
288
304
311
µA
64 MHz 201
235
247
251
220
257
269
275
48 MHz 152
182
190
195
164
196
208
212
32 MHz 104
132
137
141
112
141
147
150
24 MHz
81
108
112
111
87
115
119
119
HSE
bypass,
PLL off
8 MHz
2
4
4
5
3
5
5
6
1 MHz
2
4
5
5
3
5
5
6
HSI clock,
PLL on
64 MHz 270
307
320
326
298
337
353
361
48 MHz 220
254
264
269
243
276
292
297
32 MHz 172
203
211
214
191
222
232
235
24 MHz 151
181
185
189
166
194
201
204
HSI clock,
PLL off
8 MHz
70
85
87
87
81
93
96
98
1.
Current consumption from the VDDA supply is independent of whether the peripherals are on or off. Furthermore when the
PLL is off, IDDA is independent from the frequency.
2.
Data based on characterization results, not tested in production unless otherwise specified.
Table 30.
Typical and maximum VDD consumption in Stop and Standby modes
Symbol Parameter
Conditions
Typ@VDD (VDD=VDDA)Max
Unit
2.0 V
2.4 V
2.7 V
3.0 V
3.3 V
3.6 V
TA=
25 °C
TA=
85 °C
TA=
105 °C
IDD
Supply
current in
Stop mode
Regulators in
run mode, all
oscillators
OFF
19.33 19.58 19.68
19.73
19.76
19.84
46.5
480
1019
µA
Regulators in
low-power
mode, all
oscillators
OFF
7.72
7.88
8.01
8.13
8.25
8.27
31.8
451.4
966.0
Supply
current in
Standby
mode
LSI ON and
IWDG ON
0.78
0.95
1.07
1.21
1.32
1.45
LSI OFF and
IWDG OFF
0.61
0.72
0.81
0.90
0.98
1.08
2.7
3.5
5.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com