Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372RC Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32F372RC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372RC Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32F372RC Datasheet HTML 21Page - STMicroelectronics STM32F372RC Datasheet HTML 22Page - STMicroelectronics STM32F372RC Datasheet HTML 23Page - STMicroelectronics STM32F372RC Datasheet HTML 24Page - STMicroelectronics STM32F372RC Datasheet HTML 25Page - STMicroelectronics STM32F372RC Datasheet HTML 26Page - STMicroelectronics STM32F372RC Datasheet HTML 27Page - STMicroelectronics STM32F372RC Datasheet HTML 28Page - STMicroelectronics STM32F372RC Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 128 page
background image
STM32F37x
Functional overview
Doc ID 022691 Rev 3
25/128
3.20
Universal synchronous/asynchronous receiver transmitter
(USART)
The STM32F37x embeds three universal synchronous/asynchronous receiver transmitters
(USART1, USART2 and USART3).
All USARTs interfaces are able to communicate at speeds of up to 9 Mbit/s.
They provide hardware management of the CTS and RTS signals, they support IrDA SIR
ENDEC, the multiprocessor communication mode, the single-wire half-duplex
communication mode, Smart Card mode (ISO 7816 compliant), autobaudrate feature and
have LIN Master/Slave capability. The USART interfaces can be served by the DMA
controller.
Refer to Table 8 for the features of USART1, USART2 and USART3.
3.21
Serial peripheral interface (SPI)/Inter-integrated sound
interfaces (I2S)
Up to three SPIs are able to communicate at up to 18 Mbits/s in slave and master modes in
full-duplex and half-duplex communication modes. The 3-bit prescaler gives 8 master mode
frequencies and the frame is configurable to 8 bits or 16 bits. The hardware CRC
generation/verification supports basic SD Card/MMC modes.
The SPIs can be served by the DMA controller.
Three standard I2S interfaces (multiplexed with SPI1, SPI2 and SPI3) are available, that can
be operated in master or slave mode. These interfaces can be configured to operate with
16/32 bit resolution, as input or output channels. Audio sampling frequencies from 8 kHz up
to 192 kHz are supported. When either or both of the I2S interfaces is/are configured in
Table 8.
STM32F37x USART implementation
USART modes/features(1)
1.
X = supported.
USART1
USART2
USART3
Hardware flow control for modem
X
X
X
Continuous communication using DMA
X
X
X
Multiprocessor communication
X
X
X
Synchronous mode
X
X
X
Smartcard mode
X
X
X
Single-wire half-duplex communication
X
X
X
IrDA SIR ENDEC block
X
X
X
LIN mode
X
X
X
Dual clock domain and wakeup from Stop mode
X
X
X
Receiver timeout interrupt
X
X
X
Modbus communication
X
X
X
Auto baud rate detection
X
X
X
Driver Enable
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com