Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372RC Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F372RC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372RC Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F372RC Datasheet HTML 6Page - STMicroelectronics STM32F372RC Datasheet HTML 7Page - STMicroelectronics STM32F372RC Datasheet HTML 8Page - STMicroelectronics STM32F372RC Datasheet HTML 9Page - STMicroelectronics STM32F372RC Datasheet HTML 10Page - STMicroelectronics STM32F372RC Datasheet HTML 11Page - STMicroelectronics STM32F372RC Datasheet HTML 12Page - STMicroelectronics STM32F372RC Datasheet HTML 13Page - STMicroelectronics STM32F372RC Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 128 page
background image
Description
STM32F37x
10/128
Doc ID 022691 Rev 3
Table 2.
Device overview
Peripheral
STM32F
372Cx
STM32F
372Rx
STM32F
372Vx
STM32F
373Cx
STM32F
373Rx
STM32F
373Vx
Flash (Kbytes)
64 128 256 64 128 256 64 128 256 64 128 256 64 128 256 64 128 256
SRAM (Kbytes)
16
24
32
16
24
32
16
24
32
16
24
32
16
24
32
16
24
32
Timers
General
purpose
9 (16-bit)
2 (32 bit)
9 (16-bit)
2 (32 bit)
Basic
3 (16-bit)
3 (16-bit)
Comm.
interfaces
SPI/I2S
3
3
I2C2
2
USART
3
3
CAN
1
1
USB
1
1
GPIOs
Normal
I/Os
(TC, TTa)
36
52
84
36
52
84
5 volts
Tolerant
I/Os
(FT, Ftf)
20
28
45
20
28
45
12-bit ADCs
1
1
16-bit ADCs
Sigma- Delta
1 (SDADC1)
3
12-bit DACs outputs
1 (DAC2)
3
Analog comparator
1 (COMP1)
2
Capacitive sensing
channels
14
17
24
14
17
24
Max. CPU frequency
72 MHz
72 MHz
Main operating
voltage
2.0 to 3.6 V
2.0 to 3.6 V
16-bit SDADC
operating voltage
2.2 to 3.6 V
2.2 to 3.6 V
Operating
temperature
Ambient operating temperature:
40 to 85 °C / 40 to 105 °C
Junction temperature:
40 to 125 °C
Ambient operating temperature:
40 to 85 °C / 40 to 105 °C
Junction temperature:
40 to 125 °C
Packages
LQFP48
LQFP64
LQFP100,
UFBGA100(1)
LQFP48
LQFP64
LQFP100,
UFBGA100(1)
1.
UFBGA100 package available on 256-KB versions only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com