Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372RC Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32F372RC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372RC Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32F372RC Datasheet HTML 97Page - STMicroelectronics STM32F372RC Datasheet HTML 98Page - STMicroelectronics STM32F372RC Datasheet HTML 99Page - STMicroelectronics STM32F372RC Datasheet HTML 100Page - STMicroelectronics STM32F372RC Datasheet HTML 101Page - STMicroelectronics STM32F372RC Datasheet HTML 102Page - STMicroelectronics STM32F372RC Datasheet HTML 103Page - STMicroelectronics STM32F372RC Datasheet HTML 104Page - STMicroelectronics STM32F372RC Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 128 page
background image
STM32F37x
Electrical characteristics
Doc ID 022691 Rev 3
101/128
6.3.19
Comparator characteristics
Table 64.
Comparator characteristics
Symbol
Parameter
Conditions
Min
Typ Max(1)
Unit
VDDA
Analog supply voltage
2
3.6
V
VIN
Comparator input voltage
range
0VDDA
VBG
Scaler input voltage
1.2
VSC
Scaler offset voltage
±5
±10
mV
tS_SC
Scaler startup time from
power down
0.1
ms
tSTART
Comparator startup time
Startup time to reach propagation delay
specification
60
µs
tD
Propagation delay for
200 mV step with 100 mV
overdrive
Ultra-low power mode
2
4.5
µs
Low power mode
0.7
1.5
Medium power mode
0.3
0.6
High speed mode
VDDA  2.7 V
50
100
ns
V
DDA  2.7 V
100
240
Propagation delay for full
range step with 100 mV
overdrive
Ultra-low power mode
2
7
µs
Low power mode
0.7
2.1
Medium power mode
0.3
1.2
High speed mode
VDDA  2.7 V
90
180
ns
V
DDA  2.7 V
110
300
Voffset
Comparator offset error
4
10
mV
dVoffset/dT
Offset error temperature
coefficient
18
µV/°C
IDD(COMP)
COMP current
consumption
Ultra-low power mode
1.2
1.5
µA
Low power mode
3
5
Medium power mode
10
15
High speed mode
75
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com