Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372RC Datasheet(PDF) 125 Page - STMicroelectronics

Part # STM32F372RC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372RC Datasheet(HTML) 125 Page - STMicroelectronics

Back Button STM32F372RC Datasheet HTML 120Page - STMicroelectronics STM32F372RC Datasheet HTML 121Page - STMicroelectronics STM32F372RC Datasheet HTML 122Page - STMicroelectronics STM32F372RC Datasheet HTML 123Page - STMicroelectronics STM32F372RC Datasheet HTML 124Page - STMicroelectronics STM32F372RC Datasheet HTML 125Page - STMicroelectronics STM32F372RC Datasheet HTML 126Page - STMicroelectronics STM32F372RC Datasheet HTML 127Page - STMicroelectronics STM32F372RC Datasheet HTML 128Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 125 / 128 page
background image
STM32F37x
Revision history
Doc ID 022691 Rev 3
125/128
9
Revision history
Table 82.
Document revision history
Date
Revision
Changes
18-Jun-2012
1
Initial release.
07-Sep-2012
2
Added ‘F’ to all ‘Cortex-M4’ occurences
Modified the shapes of Figure 2: STM32F37x LQFP48 pinout
to Figure 4: STM32F37x LQFP100 pinout
Added two rows ‘VREFSD+ - VDDSD3’ and ‘VREF+ - VDDA’
in Table 19: Voltage characteristics
Removed PB0 in footnote of Table 19: Voltage characteristics
and in Section 6.3.14: I/O port characteristics
Added a paragraph after ‘...power up sequence’ in Table 6.2:
Absolute maximum ratings and after ‘...in output mode’ in I/O
system current consumption
Corrected SDAC_VREF+ in Figure 9: Power supply scheme
Modified Table 20: Current characteristics
Added BGA100 in Table 22: General operating conditions
Added values in Table 27: Embedded internal reference
voltage
Filled values in Table 28: Typical and maximum current
consumption from VDD supply at VDD = 3.6 V
Filled values in Table 29: Typical and maximum current
consumption from VDDA supply
Filled values in Table 30: Typical and maximum VDD
consumption in Stop and Standby modes
Removed table: “Typical and maximum VDDA consumption in
Stop modes”
Filled values in Table 31: Typical and maximum VDDA
consumption in Stop and Standby modes
Added VBAT values in Table 32: Typical and maximum current
consumption from VBAT supply
Added typ values in Table 33: Typical current consumption in
Run mode, code with data processing running from Flash and
Table 34: Typical current consumption in Sleep mode, code
running from Flash or RAM
Added max value in Table 41: LSE oscillator characteristics
(fLSE = 32.768 kHz)
Modified min and max values in Table 42: HSI oscillator
characteristics
Added values in Table 37: Low-power mode wakeup timings
Added Class values in Table 47: EMS characteristics
Modified values in Table 48: EMI characteristics
Added values in Table 49: ESD absolute maximum ratings
Added class value in Table 50: Electrical sensitivities
modified values and descriptions in Table 51: I/O current
injection susceptibility



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com